Electronic Components Datasheet Search
  English  ▼

X  

ISL78310 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL78310
Description  High Performance 1A LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78310 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL78310 Datasheet HTML 2Page - Intersil Corporation ISL78310 Datasheet HTML 3Page - Intersil Corporation ISL78310 Datasheet HTML 4Page - Intersil Corporation ISL78310 Datasheet HTML 5Page - Intersil Corporation ISL78310 Datasheet HTML 6Page - Intersil Corporation ISL78310 Datasheet HTML 7Page - Intersil Corporation ISL78310 Datasheet HTML 8Page - Intersil Corporation ISL78310 Datasheet HTML 9Page - Intersil Corporation ISL78310 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ISL78310
6
FN7810.2
November 7, 2014
Submit Document Feedback
ENABLE PIN CHARACTERISTICS
Turn-on Threshold
2.2V < VIN < 6V
0.3
0.8
1
V
Hysteresis (Rising Threshold)
2.2V < VOUT + 0.4V < 6V
10
80
200
mV
Enable Pin Turn-on Delay
COUT = 10µF, ILOAD = 1A
100
µs
Enable Pin Leakage Current
VIN = 6V, EN = 3V
1
µA
ADJUSTABLE INRUSH CURRENT LIMIT CHARACTERISTICS
Current limit adjust
IPD
VIN = 3.5V, EN = 0V, SS = 1V
0.5
1
1.3
mA
ICHG
-3.3
-2
-0.8
µA
PG PIN CHARACTERISTICS
VOUT PG Flag Threshold
75
85
92
%VOUT
VOUT PG Flag Hysteresis
4%
PG Flag Low Voltage
VIN = 2.5V, ISINK = 500µA
100
mV
PG Flag Leakage Current
VIN = 6V, PG = 6V
1
µA
NOTES:
11. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
12. Dropout is defined by the difference in supply VIN and VOUT when the supply produces a 2% drop in VOUT from its nominal value.
Electrical Specifications Unless otherwise noted, VIN = VOUT + 0.4V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, ILOAD = 0A.
Applications must follow thermal guidelines of the package to determine worst case junction temperature. Please refer to “ISL78310 Schematic Block
Diagram” on page 4 and Tech Brief TB379. Boldface limits apply across the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 11)TYP
MAX
(Note 11)UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com