Electronic Components Datasheet Search
  English  ▼

X  

BFP520 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFP520
Description  Low Noise Silicon Bipolar RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP520 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFP520 Datasheet HTML 1Page - Infineon Technologies AG BFP520 Datasheet HTML 2Page - Infineon Technologies AG BFP520 Datasheet HTML 3Page - Infineon Technologies AG BFP520 Datasheet HTML 4Page - Infineon Technologies AG BFP520 Datasheet HTML 5Page - Infineon Technologies AG BFP520 Datasheet HTML 6Page - Infineon Technologies AG BFP520 Datasheet HTML 7Page - Infineon Technologies AG BFP520 Datasheet HTML 8Page - Infineon Technologies AG BFP520 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2015-10-12
3
BFP520
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics (verified by random sampling)
Transition frequency
IC = 30 mA, VCE = 2 V, f = 2 GHz
fT
32
45
-
GHz
Collector-base capacitance
VCB = 2 V, f = 1 MHz, VBE = 0 ,
emitter grounded
Ccb
-
0.07
0.13 pF
Collector emitter capacitance
VCE = 2 V, f = 1 MHz, VBE = 0 ,
base grounded
Cce
-
0.3
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz, VCB = 0 ,
collector grounded
Ceb
-
0.33
-
Minimum noise figure
IC = 2 mA, VCE = 2 V, ZS = ZSopt ,
f = 1.8 GHz
NFmin
-
0.95
-
dB
Power gain, maximum stable1)
IC = 20 mA, VCE = 2 V, ZS = ZSopt, ZL = ZLopt ,
f = 1.8 GHz
Gms
-
24
-
dB
Insertion power gain
VCE = 2 V, IC = 20 mA, f = 1.8 GHz,
ZS = ZL = 50 Ω
|S21|2
-
21.5
-
Third order intercept point at output
VCE = 2 V, IC = 20 mA, f = 1.8 GHz,
ZS = ZSopt, ZL = ZLopt
VCE = 2 V, IC = 7 mA, f = 1.8 GHz,
ZS = ZSopt, ZL = ZLopt
IP3
-
-
25
17
-
-
dBm
1dB compression point at output
IC = 20 mA, VCE = 2 V, ZS = ZSopt,
ZL = ZLopt, f = 1.8 GHz
IC = 7 mA, VCE = 2 V, ZS = ZSopt,
ZL = ZLopt, f = 1.8 GHz
P-1dB
-
-
12
5
-
-
1Gms = |S21 / S12|



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com