Electronic Components Datasheet Search
  English  ▼

X  

BFP520 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP520
Description  Low Noise Silicon Bipolar RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP520 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BFP520 Datasheet HTML 1Page - Infineon Technologies AG BFP520 Datasheet HTML 2Page - Infineon Technologies AG BFP520 Datasheet HTML 3Page - Infineon Technologies AG BFP520 Datasheet HTML 4Page - Infineon Technologies AG BFP520 Datasheet HTML 5Page - Infineon Technologies AG BFP520 Datasheet HTML 6Page - Infineon Technologies AG BFP520 Datasheet HTML 7Page - Infineon Technologies AG BFP520 Datasheet HTML 8Page - Infineon Technologies AG BFP520 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2015-10-12
6
BFP520
Noise figure F =
ƒ(IC)
VCE = 2 V, f = 1.8 GHz
0
5
10
15
20
25
30
mA
40
IC
0
0.5
1
1.5
2
dB
3
Zs = 50Ohm
Zs = Zsopt
Minimum noise figure NFmin= ƒ(f)
VCE = 2 V, ZS = ZSopt
0
1
2
3
4
5 GHz
6.5
f
0
0.5
1
1.5
2
dB
3
IC = 5 mA
IC = 2 mA
Source impedance for min.
noise figure vs. frequency
VCE = 2 V, IC = 2 mA / 5 mA
100
+j10
-j10
50
+j25
-j25
25
+j50
-j50
10
+j100
-j100
0
3GHz
4GHz
5GHz
6GHz
0.45GHz
0.9GHz
1.8GHz
2mA
5mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com