Electronic Components Datasheet Search
  English  ▼

X  

MIC2183 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2183
Description  Low Voltage Synchronous Buck PWM Control IC Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2183 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2183 Datasheet HTML 1Page - Micrel Semiconductor MIC2183 Datasheet HTML 2Page - Micrel Semiconductor MIC2183 Datasheet HTML 3Page - Micrel Semiconductor MIC2183 Datasheet HTML 4Page - Micrel Semiconductor MIC2183 Datasheet HTML 5Page - Micrel Semiconductor MIC2183 Datasheet HTML 6Page - Micrel Semiconductor MIC2183 Datasheet HTML 7Page - Micrel Semiconductor MIC2183 Datasheet HTML 8Page - Micrel Semiconductor MIC2183 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
December 10, 2001
1
MIC2183
MIC2183
Micrel
MIC2183
Low Voltage Synchronous Buck PWM Control IC
Final Information
General Description
Micrel’s MIC2183 is a high efficiency PWM synchronous
buck control IC. With its wide input voltage range of 2.9V to
14V, the MIC2183 can be used to efficiently step voltages
down in 1- or 2-cell Li Ion battery powered applications, as
well as in fixed 3.3V, 5V, or 12V systems.
Efficiencies over 90% are achievable over a wide range of
load conditions with the MIC2183’s PWM control scheme.
The operating frequency can be divided by two by raising the
FREQ/2 pin to V
DD. This allows the user to optimize efficiency
versus board space. It also allows the MIC2183 to be exter-
nally synchronized to frequencies below its nominal 400KHz.
The MIC2183 features an oscillator output, FreqOut, which
can be used to implement a simple charge pump in low
voltage applications. The output of the charge pump can be
fed into the gate drive power circuitry via the V
INP pin. This
feature allows enhanced gate drive, hence higher efficiencies
at low input voltages.
MIC2183 also features a 1
µA shutdown mode, and a pro-
grammable undervoltage lockout, making it well-suited for
portable applications.
The MIC2183 is available in 16-pin SOP and QSOP packag-
ing options with a junction temperature range from -40
°C to
+125
°C.
Typical Application
FreqOut
VINA
EN/UVLO
VOUT
2.5V @5A
FREQ/2
VDD
COMP
SS
SYNC
SGND
MIC2183
VINP
CSH
CSL
OUTN
OUTP
PGND
FB
VIN = 3.3V
1
7
2
15
10
4
3
11
5
16
9
8
14
13
12
6
120µF (x2)
6.3V
15mΩ
1nF
Si9803DY(x2)
4.7µH
Si9804DY
(x2)
B130
220µF (x2)
6.3V
Adjustable Output Synchronous Buck Converter
Features
• Input voltage range: 2.9V to 14V
• >90% efficiency
• Oscillator frequency of 400kHz
• Frequency divide-by-two pin
• Frequency sync to 600kHz
• FreqOut oscillator output allows simple charge pump
implementation in low voltage systems
• Front edge blanking
•5
Ω output drivers (typical)
• Soft start
• PWM current mode control
•1
µA shutdown current
• Cycle-by-cycle current limiting
• Frequency foldback short circuit protection
• Adjustable under-voltage lockout
• 16-pin narrow-body SOP and QSOP package options
Applications
• 3.3V to 2.5V/1.8V/1.5V conversion
• DC power distribution systems
• Wireless modems
• ADSL line cards
• 1-and 2-cell Li Ion battery operated equipment
• Satellite Phones
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
50
55
60
65
70
75
80
85
90
95
100
012
345
OUTPUT CURRENT (A)
MIC2183 EFFICIENCY
V
IN
= 3.3V
V
OUT
= 2.5V
f
S
= 200kHz


Similar Part No. - MIC2183

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183BM MICREL-MIC2183BM Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2183BQS MICREL-MIC2183BQS Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2183YM MICREL-MIC2183YM Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2183YQS MICREL-MIC2183YQS Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
More results

Similar Description - MIC2183

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2184 MICREL-MIC2184 Datasheet
75Kb / 12P
Low Voltage Buck PWM Control IC Final Information
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com