Electronic Components Datasheet Search
  English  ▼

X  

MIC2183 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2183
Description  Low Voltage Synchronous Buck PWM Control IC Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2183 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2183 Datasheet HTML 4Page - Micrel Semiconductor MIC2183 Datasheet HTML 5Page - Micrel Semiconductor MIC2183 Datasheet HTML 6Page - Micrel Semiconductor MIC2183 Datasheet HTML 7Page - Micrel Semiconductor MIC2183 Datasheet HTML 8Page - Micrel Semiconductor MIC2183 Datasheet HTML 9Page - Micrel Semiconductor MIC2183 Datasheet HTML 10Page - Micrel Semiconductor MIC2183 Datasheet HTML 11Page - Micrel Semiconductor MIC2183 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC2183
Micrel
MIC2183
10
December 10, 2001
1.5V
Typical
140mV
Hysteresis
(typical)
EN/UVLO
(7)
MIC2183
VIN
R1
R2
Bias
Circuitry
Figure 3. UVLO Circuitry
The line voltage turn on trip point is:
VV
R
RR
INPUT ENABLE
THRESHOLD
_
=×
+
2
12
where:
V
THRESHOLD is the voltage level of the internal
comparator reference, typically 1.5V
The input voltage hysteresis is equal to:
VV
RR
R
INPUT HYST
HYST
_
=×
+
12
2
where:
V
HYST is the internal comparator hysteresis level,
typically 140mV.
V
INPUT_HYST is the hysteresis at the input voltage
The MIC2183 will be disabled when the input voltage drops
back down to:
V
INPUT_OFF =
V
INPUT_ENABLE – VINPUT_HYST =
(V
THRESHOLD – VHYST) ×
+
R
RR
2
12
Either of 2 UVLO conditions will pull the soft start capacitor
low.
• When the V
DD voltage drops below its
undervoltage lockout level.
• When the enable pin drops below the its enable
threshold
The internal bias circuit generates an internal 1.245V band-
gap reference voltage for the voltage error amplifier and a 3V
V
DD voltage for the internal control circuitry. The VDD pin must
be decoupled with a 1
µF ceramic capacitor. The capacitor
must be placed close to the V
DD pin. The other end of the
capacitor must be connected directly to the ground plane.
MOSFET Gate Drive
The MIC2183 is designed to drive a high side P-channel
MOSFET and a low side N-channel MOSFET. The source pin
of the P-channel MOSFET is connected to the input of the
power supply. It is turned on when OUTP pulls the gate of the
MOSFET low. The advantage of using a P-channel MOSFET
is that it does not required a bootstrap circuit to boost the gate
voltage higher than the input, as would be required for an N-
channel MOSFET.
The V
INP pin (pin 16) supplies the drive voltage to both gate
drive pins, OUTN and OUTP. V
INP pin is usually connected
to the input supply. The V
INP pin and CSH pin must be
connected to the same potential.
A non-overlap time is built into the MOSFET driver circuitry.
This dead-time prevents the high-side and low-side MOSFET
drivers from being on at the same time. Either an external
diode or the low-side MOSFET internal parasitic diode con-
ducts the inductor current during the dead-time.
MOSFET Selection
The P-channel MOSFET must have a V
GS threshold voltage
equal to or lower than the input voltage when used in a buck
converter topology. There is a limit to the maximum gate
charge the MIC2183 will drive. Higher gate charge MOSFETs
will slow down the turn-on and turn-off times of the MOSFETs.
Slower transition times will cause higher power dissipation in
the MOSFETs due to higher switching transition losses. The
MOSFETs must be able to completely turn on and off within
the driver non-overlap time If both MOSFETs are conducting
at the same time, shoot-through will occur, which greatly
increases power dissipation in the MOSFETs and reduces
converter efficiency.
The MOSFET gate charge is also limited by power dissipation
in the MIC2183. The power dissipated by the gate drive
circuitry is calculated below:
P
GATE_DRIVE = QV P
f
GATE
IN
S
××
where: Qgate is the total gate charge of both the N and P-
channel MOSFETs.
f
S is the switching frequency
V
INP is the gate drive voltage at the VINP pin
The graph in Figure 4 shows the total gate charge that can be
driven by the MIC2183 over the input voltage range, for
different values of switching frequency.
40
50
60
70
80
90
100
110
120
130
140
3
5
7
9
11
13
15
INPUT VOLTAGE (V)
Frequency vs.
Max. Gate Charge
200kH
600kHz
500kHz
400kHz
300kHz
Figure 4. MIC2183 Frequency vs Max. Gate Charge
Oscillator & Sync
The internal oscillator is free running and requires no external
components. The f/2 pin allows the user to select from two
switching frequencies. A low level set the oscillator frequency
to 400kHz and a high level set the oscillator frequency to
200kHz. The maximum duty cycle for both frequencies is
100%. This is another advantage of using a P-channel
MOSFET for the high-side drive; it can continuously turned
on.
A frequency foldback mode is enabled if the voltage on the
feedback pin (pin 6) is less than 0.3V. In frequency foldback,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com