Electronic Components Datasheet Search
  English  ▼

X  

MIC2525 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2525
Description  USB Power Control Switch Not Recommended for New Designs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2525 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2525 Datasheet HTML 1Page - Micrel Semiconductor MIC2525 Datasheet HTML 2Page - Micrel Semiconductor MIC2525 Datasheet HTML 3Page - Micrel Semiconductor MIC2525 Datasheet HTML 4Page - Micrel Semiconductor MIC2525 Datasheet HTML 5Page - Micrel Semiconductor MIC2525 Datasheet HTML 6Page - Micrel Semiconductor MIC2525 Datasheet HTML 7Page - Micrel Semiconductor MIC2525 Datasheet HTML 8Page - Micrel Semiconductor MIC2525 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2000
1
MIC2525
MIC2525
Micrel
MIC2525
USB Power Control Switch
Not Recommended for New Designs
Refer to MIC2025
General Description
The MIC2525 is an integrated high-side power switch, opti-
mized for self-powered and bus-powered Universal Serial
Bus (USB) applications. Few external components are nec-
essary to satisfy USB requirements.
The MIC2525 satisfies the following USB requirements: each
switch channel supplies up to 500mA as required by USB
downstream devices; the switch’s low on-resistance meets
USB voltage drop requirements; fault current is limited to
typically 750mA, well below the UL 25VA safety require-
ments; and a flag output is available to indicate fault condi-
tions to the local USB controller. Soft start eliminates the
momentary voltage drop on the upstream port that may occur
when the switch is enabled in bus-powered applications.
Additional features include thermal shutdown to prevent
catastrophic switch failure from high-current loads,
undervoltage lockout (UVLO) to ensure that the device re-
mains off unless there is a valid input voltage present, and
3.3V and 5V logic compatible enable inputs.
The MIC2525 is a UL recognized component and is available
in active-high and active-low versions in 8-pin DIP and SOIC
packages.
For new designs, please see the MIC2025/2075.
Typical Application
VBUS
D+
D–
GND
USB
Port
Data
EN
OUT
FLG
IN
ON/OFF
OVERCURRENT
MIC2525-2
3.3V USB Controller
GND
OUT
NC
VCC
5.0V
0.1µF
10k
MIC5207-3.3
IN
OUT
GND
4.50V to 5.25V
Upstream VBUS
100mA max.
Ferrite
Beads
150µF
VBUS
D+
D–
GND
Data
1µF
1µF
100k
VIN
GND
3.3V
NC
Single-Port USB Self-Powered Hub
Features
• Compliant to USB specifications
• UL Recognized Component
• 3V to 5.5V input
• 500mA minimum continuous load current per port
• 140m
Ω maximum on-resistance
• 1.25A maximum short circuit current limit
• Open-drain fault flag pins
• 110
µA typical on-state supply current
• 1
µA typical off-state supply current
• Output can be forced higher than input (off-state)
• Thermal shutdown
• 2.4V typical undervoltage lockout (UVLO)
• 1ms turn-on (soft-start) and fast turnoff
• Active-high or active-low enable versions
• 8-pin SOIC and DIP packages
Applications
• USB hosts and self-powered hubs
• USB bus-powered hubs
• Hot plug-in power supplies
• Battery-charger circuits
UL Recognized Component
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC2525

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BN MICREL-MIC2524-1BN Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BWM MICREL-MIC2524-1BWM Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BN MICREL-MIC2524-2BN Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BWM MICREL-MIC2524-2BWM Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
More results

Similar Description - MIC2525

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2526 MICREL-MIC2526 Datasheet
95Kb / 12P
Dual USB Power Control Switch Not Recommended for New Designs
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
Quad Integrated High-Side Switch Not Recommended for New Designs
MIC50395 MICREL-MIC50395 Datasheet
64Kb / 6P
Six Decade Counter / Display Decoder Not Recommended for New Designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
On phase-out, not recommended for new designs
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
Dual P-Channel MOSFET Not Recommended for New Designs
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Cherry Semiconductor Co...
E23-50H CHERRY-E23-50H Datasheet
1Mb / 5P
Not recommended for new designs Please review our D4 series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com