Electronic Components Datasheet Search
  English  ▼

X  

MIC2525 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2525
Description  USB Power Control Switch Not Recommended for New Designs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2525 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2525 Datasheet HTML 1Page - Micrel Semiconductor MIC2525 Datasheet HTML 2Page - Micrel Semiconductor MIC2525 Datasheet HTML 3Page - Micrel Semiconductor MIC2525 Datasheet HTML 4Page - Micrel Semiconductor MIC2525 Datasheet HTML 5Page - Micrel Semiconductor MIC2525 Datasheet HTML 6Page - Micrel Semiconductor MIC2525 Datasheet HTML 7Page - Micrel Semiconductor MIC2525 Datasheet HTML 8Page - Micrel Semiconductor MIC2525 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
January 2000
3
MIC2525
MIC2525
Micrel
Electrical Characteristics
V
IN = +5V; TA = 25°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Supply Current
Note 4, switch off, OUT = open
0.75
5
µA
Note 4, switch on, OUT = open
110
160
µA
Enable Input Threshold
low-to-high transition
2.1
2.4
V
high-to-low transition, Note 4
0.8
1.9
V
Enable Input Current
V
EN = 0V to 5.5V
–1
±0.01
1
µA
Enable Input Capacitance
1pF
Switch Resistance
V
IN = 5V, IOUT = 500mA
100
140
m
Ω
V
IN = 3.3V, IOUT = 500mA
140
180
m
Ω
Output Turn-On Delay
R
L = 10Ω each output
0.5
ms
Output Turn-On Rise Time
R
L = 10Ω each output
1
ms
Output Turnoff Delay
R
L = 10Ω each output
1
20
µs
Output Turnoff Fall Time
R
L = 10Ω each output
1
20
µs
Output Leakage Current
output disabled
10
µA
Continuous Load Current
0.5
A
Short-Circuit Current Limit
enable into load, V
OUT = 4.0V
0.5
0.75
1.25
A
Current-Limit Threshold
ramped load applied to enabled output, V
OUT ≤ 4.0V, Note 5
1.6
2.2
A
Overtemperature Shutdown
T
J increasing
135
°C
Threshold
T
J decreasing
125
°C
Error Flag Output Resistance
V
IN = 5V, IL = 10mA
10
25
Ω
V
IN = 3.3V, IL = 10mA
15
40
Ω
Error Flag Off Current
V
FLAG = 5V
0.01
1
µA
UVLO Threshold
V
IN = increasing
2.5
V
V
IN = decreasing
2.3
V
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Off is
≤ 0.8V and on is ≥ 2.4V for the MIC2525-1. Off is ≥ 2.4V and on is ≤ 0.8V for the MIC2525-2. The enable input has approximately
200mV of hysteresis. See control threshold charts.
Note 5.
See “Functional Characteristics: Current-Limit Response” photo.
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN) ..................................................... +6V
Fault Flag Voltage (V
FLG) .............................................. +6V
Fault Flag Current (I
FLG) ............................................ 50mA
Output Voltage (V
OUT) .................................................. +6V
Output Current (I
OUT) ............................... Internally Limited
Control Input (V
EN) ......................................... –0.3V to 12V
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (Soldering 5 sec.) ....................... 260
°C
ESD Rating, Note 3 ...................................................... 2kV
Operating Ratings (Note 2)
Supply Voltage (V
IN) ...................................... +3V to +5.5V
Ambient Operating Temperature (T
A) ........ –40°C to +85°C
Thermal Resistance
SOIC (
θ
JA) ......................................................... 120°C/W
DIP(
θ
JA) ............................................................. 130°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com