Electronic Components Datasheet Search
  English  ▼

X  

MIC2525 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2525
Description  USB Power Control Switch Not Recommended for New Designs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2525 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2525 Datasheet HTML 4Page - Micrel Semiconductor MIC2525 Datasheet HTML 5Page - Micrel Semiconductor MIC2525 Datasheet HTML 6Page - Micrel Semiconductor MIC2525 Datasheet HTML 7Page - Micrel Semiconductor MIC2525 Datasheet HTML 8Page - Micrel Semiconductor MIC2525 Datasheet HTML 9Page - Micrel Semiconductor MIC2525 Datasheet HTML 10Page - Micrel Semiconductor MIC2525 Datasheet HTML 11Page - Micrel Semiconductor MIC2525 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC2525
Micrel
MIC2525
10
January 2000
During the capacitance charging time, the device enters into
constant-current mode. As the capacitance is charged, the
current decreases below the short circuit current-limit thresh-
old, and the flag will then be deasserted.
In USB applications, it is required that output bulk capaci-
tance is utilized to support hot-plug events. When the MIC2525
is enabled, the flag may go active for about 1ms due to inrush
current exceeding the current-limit setpoint. Additionally,
during hot-plug events, inrush currents may also cause the
flag to go active for 30
µs. Since these conditions are not valid
overcurrent faults, the USB controller must ignore the flag
during these events. To prevent this erroneous overcurrent
reporting, a 1ms RC filter as shown in Figure 4 may be used.
Alternatively, a 1ms debounce routine may be programmed
into the USB logic controller, eliminating the need for the RC
filter.
10k
10k
V+
0.1
µF
MIC2525
EN
OUT
FLG
GND
OUT
NC
NC
IN
18
27
36
45
OVERCURRENT
USB Controller
Figure 4. Transient Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com