Electronic Components Datasheet Search
  English  ▼

X  

ISL97635 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL97635 Datasheet HTML 3Page - Intersil Corporation ISL97635 Datasheet HTML 4Page - Intersil Corporation ISL97635 Datasheet HTML 5Page - Intersil Corporation ISL97635 Datasheet HTML 6Page - Intersil Corporation ISL97635 Datasheet HTML 7Page - Intersil Corporation ISL97635 Datasheet HTML 8Page - Intersil Corporation ISL97635 Datasheet HTML 9Page - Intersil Corporation ISL97635 Datasheet HTML 10Page - Intersil Corporation ISL97635 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
FN6434.2
December 22, 2008
FAULT PIN
IFAULT
Fault Pull-down Current
VIN = 12V
10
18
30
µA
VFAULT
Fault Clamp Voltage with Respect to VIN
VIN = 12, VIN-VFAULT
7.5
V
IlxStart-up
Lx Start-up Current
VDC = 5.2V
1
2.7
7
mA
Typical Performance Curves
FIGURE 2. EFFICIENCY, L = 8.2µH WITH DCR = 106m
Ω,
CO = 4x4.7µF/50V
FIGURE 3. EFFICIENCY, L = 10µH WITH DCR = 129m
Ω,
CO = 4x4.7µF/50V
FIGURE 4. 3 EFFICIENCY, L = 10µH WITH DCR = 500m
Ω,
1mm, CO = 4µFx4.7µF/50V
FIGURE 5. CURRENT REGULATION
Electrical Specifications
All specifications below are tested at TA = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 36.6kΩ,
unless otherwise noted. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not production tested. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
160
180
IO (mA)
L = 8.2µH
IHLP-2525BD-01
DCR = 106m
Ω
ISAT = 3A
9S8P - 6V
9S6P - 6V
7S8P - 6V
7S6P - 6V
9S6P - 12V
7S8P - 18V
9S6P - 18V
7S8P - 6V
9S8P - 12V
7S6P - 12V
7S8P - 12V
7S6P - 18V
9S8P - 18V
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
160
180
IO (mA)
7S8P - 6V
7S6P - 6V
9S6P - 12V
7S8P - 6V
9S8P - 12V
7S6P - 12V
7S8P - 12V
9S8P - 18V
9S8P - 6V
9S6P - 6V
9S6P - 18V
7S8P - 18V
7S6P - 18V
L = 10µH
IHLP-2525BD-01
DCR = 129m
Ω
ISAT = 2.5A
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
160
180
IO (mA)
9S8P - 6V
9S6P - 6V
7S8P - 6V
7S6P - 6V
9S6P - 12V
9S6P - 18V
7S8P - 6V
9S8P - 12V
7S6P - 12V
7S8P - 12V
7S8P - 18V
9S8P - 18V
7S6P - 18V
L = 10µH
DCR = ~500m
Ω
<1mm HEIGHT
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4
6
8
10
12
14
16
18
20
22
24
26
VIN (V)
20mA
ISL97635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com