Electronic Components Datasheet Search
  English  ▼

X  

ISL97635 Datasheet(PDF) 23 Page - Intersil Corporation

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635 Datasheet(HTML) 23 Page - Intersil Corporation

Back Button ISL97635 Datasheet HTML 19Page - Intersil Corporation ISL97635 Datasheet HTML 20Page - Intersil Corporation ISL97635 Datasheet HTML 21Page - Intersil Corporation ISL97635 Datasheet HTML 22Page - Intersil Corporation ISL97635 Datasheet HTML 23Page - Intersil Corporation ISL97635 Datasheet HTML 24Page - Intersil Corporation ISL97635 Datasheet HTML 25Page - Intersil Corporation ISL97635 Datasheet HTML 26Page - Intersil Corporation ISL97635 Datasheet HTML 27Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
FN6434.2
December 22, 2008
DC Brightness Control Register (0x07)
The DC Brightness Control Register 0x07 allows users to
have additional dimming flexibility by:
1. Effectively achieving 16 bits of dimming control when DC
dimming is combined with PWM dimming or,
2. Achieving visual or audio noise free 8-bit DC dimming
over potentially noisy PWM dimming.
The bit assignment is shown in Figure 27. All of the bits in
this Register can be read or write. Steps 0 to 255 represent
the linear steps of current adjustment in DC on the fly. It can
also be considered as the peak current factory calibration
feature to account for various LED production batch
variations, but external EEPROM settings storing and
restoring are required.
• An SMBus Write Byte cycle to Register 0x07 sets the
brightness level in DC only.
• An SMBus Read Byte cycle to Register 0x07 returns the
current DC brightness level.
• Default value for Register 0x07 is 0xFF.
Configuration Register (0x08)
The Configuration Register allows users to set 2 levels of
channel Short-Circuit thresholds or disable it. It also allows
users to set the boost conversion switching frequency
between 1.2MHz and 600kHz.
The bit assignment is shown in Figure 28. The default value
for Register 0x08 is 0xFF
Output Channel Mask/Fault Readout Register
(0x09)
This register can be read or write; the bit position
corresponds to the channel. For example, bit 0 corresponds
to Ch0 and bit 6 corresponds to Ch6 and so on. Writing data
to this register, it enables the channels of interest. When
reading data from this register, any disabled channel and
any faulted out channel will read as 0. This allows the user to
determine which channel is faulty and optionally not enabling
it in order to allow the rest of the system to continue to
function. Additionally, a faulted out channel can be disabled
and re-enabled in order to allow a retry for any faulty channel
without having to power-down the other channels.
The bit assignment is shown in Figure 29. The default for
Register 0x09 is 0xFF.
FIGURE 27. DESCRIPTIONS OF DC BRIGHTNESS CONTROL REGISTER
REGISTER 0x07
DC BRIGHTNESS CONTROL REGISTER
BRTDC7
BRTDC6
BRTDC5
BRTDC4
BRTDC3
BRTDC2
BRTDC1
BRTDC0
Bit 7 (R/W)
Bit 6 (R/W)
Bit 5 (R/W)
Bit 4 (R/W)
Bit 3 (R/W)
Bit 2 (R/W)
Bit 1 (R/W)
Bit 0 (R/W)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
BRTDC[7..0]
= 256 steps of DC brightness levels
REGISTER 0x08
CONFIGURATION REGISTER
RESERVED RESERVED RESERVED RESERVED RESERVED
FSW
VSC1
VSC0
Bit 7 (R/W)
Bit 6 (R/W)
Bit 5 (R/W)
Bit 4 (R/W)
Bit 3 (R/W)
Bit 2 (R/W)
Bit 1 (R/W)
Bit 0 (R/W)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
VSC[1..0]
2 levels of Short-Circuit Thresholds (1 = 8V, 0 = 3.1V, accuracy ±15%)
FSW[2]
2 levels of Switching Frequencies (1 = 1,200kHz, 0 = 600kHz)
FIGURE 28. DESCRIPTIONS OF CONFIGURATION REGISTER
ISL97635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com