Electronic Components Datasheet Search
  English  ▼

X  

ISL97635 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97635 Datasheet HTML 1Page - Intersil Corporation ISL97635 Datasheet HTML 2Page - Intersil Corporation ISL97635 Datasheet HTML 3Page - Intersil Corporation ISL97635 Datasheet HTML 4Page - Intersil Corporation ISL97635 Datasheet HTML 5Page - Intersil Corporation ISL97635 Datasheet HTML 6Page - Intersil Corporation ISL97635 Datasheet HTML 7Page - Intersil Corporation ISL97635 Datasheet HTML 8Page - Intersil Corporation ISL97635 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN6434.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL97635
SMBus 8-Channel LED Driver
The ISL97635 is a digitally controlled LED driver that
controls 8 channels of LED current for LCD backlight
applications. The ISL97635 is capable of driving typically 72
(8x9) pieces of 3.5V/30mA or 80 (8x10) pieces of
3.2V/20mA LEDs. The ISL97635’s 8 channels of voltage
controlled current sources with typical currents matching of
±1%, which compensate for the non-uniformity effect of
forward voltages variance in the LED stacks. To minimize the
voltage headroom and power loss in the typical multi-strings
operation, the ISL97635 features a dynamic headroom
control that monitors the highest LED forward voltage string
and uses its feedback signal for output regulation.
The LED dimming control can be achieved through a
SMBus, an external PWM, or a variable DC (analog light
sensor) input. SMBus controlled dimming allows 256 levels
each of PWM and DC current adjustments. The SMBus
PWM dimming frequency can be adjusted from 100Hz to
5kHz by an external capacitor. External PWM input allows up
to 20kHz audio noise free PWM dimming. The SMBus PWM
setting and an external PWMI signal can also be combined
to provide a dynamic PWM dimming that complies with
Intel’s DPST (Display Power Saving Technology)
requirement.
One or more channels can be selected sequentially in any
order, allowing scrolling in RGB LED backlighting
applications.
The ISL97635 features extensive protection functions that
include string open and short circuit detections, OVP, OTP,
thermal shutdown and an optional input overcurrent
protection with master fault disconnect switch. The fault
conditions will be recorded in the Fault/Status register. There
are selectable short-circuit thresholds and the switching
frequency can be programmed between 600kHz and
1.2MHz.
Available in the 24 Ld 4mmx4mm QFN, the ISL97635
operates from -40°C to +85°C with input voltage ranging
from 6V to 24V.
Features
• 8 Channels
• 6V to 24V Input
• 34.5V Output Max
• Drive Maximally 72 (3.5V/30mA each) or 80 (3.2V/20mA
each) LEDs
• Current Matching ±1% Typ
• Dynamic Headroom Control
• Dimming Controls
- SMBus 8-Bit PWM Current Control
- SMBus 8-Bit DC Current Control
- External PWM Input up to 20kHz Dimming
- SMBus and External PWM DPST Dimming Control
- DC-to-PWM Dimming Control
• Protections
- String Open Circuit Detection
- String Short Circuit Detection with Selectable Thresholds
- Over-Temperature Protection
- Overvoltage Protection
- Input Overcurrent Protection with Disconnect Switch
• 600kHz/1.2MHz Selectable fSW
• Selectable Channels Allows Scrolling Backlight
• 24 Ld (4mmx4mm) QFN Package
• Pb-Free (RoHS compliant)
Applications
• Notebook Displays WLED or RGB LED Backlighting
• LCD Monitor LED Backlighting
• Automotive Displays LED Backlighting
• Automotive or Traffic Lighting
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL97635IRZ*
976 35IRZ
24 Ld 4x4 QFN
L24.4x4D
*Add “-T” or “-TK” suffix for tape and reel. Please refer to TB347 for
details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
December 22, 2008


Similar Part No. - ISL97635

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
SMBus 8-Channel LED Driver
logo
Intersil Corporation
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
SMBus 6-Channel LED Driver
More results

Similar Description - ISL97635

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
SMBus/I2C 8-Channel LED Driver
November 13, 2009
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
8-Channel LED Driver
May 9, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
8-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
SMBus 8-Channel LED Driver
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
SMBus 6-Channel LED Driver
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
SMBus/I2C 8-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com