Electronic Components Datasheet Search
  English  ▼

X  

MIC2776 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2776
Description  Micro-Power Low Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2776 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC2776 Datasheet HTML 1Page - Micrel Semiconductor MIC2776 Datasheet HTML 2Page - Micrel Semiconductor MIC2776 Datasheet HTML 3Page - Micrel Semiconductor MIC2776 Datasheet HTML 4Page - Micrel Semiconductor MIC2776 Datasheet HTML 5Page - Micrel Semiconductor MIC2776 Datasheet HTML 6Page - Micrel Semiconductor MIC2776 Datasheet HTML 7Page - Micrel Semiconductor MIC2776 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC2776
Micrel
MIC2776
6
September 29, 2000
Application Information
Programming the Voltage Threshold
Referring to the “Typical Application Circuit”, the voltage
threshold is calculated as follows:
VV
R1 R2
R2
TH
REF
=×
+
()
where V
REF = 0.300V
In order to provide the additional criteria needed to solve for
the resistor values, the resistors can be selected such that the
two resistors have a given total value, that is, R1 + R2 =
R
TOTAL. Imposing this condition on the resistor values pro-
vides two equations that can be solved for the two unknown
resistor values. A value such as 1M
Ω for R
TOTAL is a
reasonable choice since it keeps quiescent current to a
generally acceptable level while not causing any measurable
errors due to input bias currents. The larger the resistors, the
larger the potential errors due to input bias current (I
IN). The
maximum recommended value of R
TOTAL is 3MΩ.
Applying this criteria and rearranging the V
TH expression to
solve for the resistor values gives:
R2
RV
V
TOTAL
REF
TH
= ()()
R1
R
R2
TOTAL
=−
Application Example
Figure 1 below illustrates a hypothetical MIC2776 application
in which the MIC2776 is used to monitor the core supply of a
high-performance CPU or DSP. The core supply, V
CORE, in
this example is 1.0V
±5%. The main power rail and I/O
voltage, V
I/O, is 2.5V ±5%. As shown in Figure 1, the MIC2776
is powered by V
I/O. The minimum value of VI/O is 2.5V –5%
= 2.375V; the maximum is 2.5V +5% = 2.625V. This is well
within the MIC2776’s power supply range of 1.5V to 5.5V.
Resistors R1 and R2 must be selected to correspond to the
V
CORE supply of 1.0V. The goal is to insure that the core
supply voltage is adequate to insure proper operation, i.e.,
V
CORE ≥ (1.0V –5%) = 0.950V. Because there is always a
small degree of uncertainty due to the accuracy of the
resistors, variations in the devices’ voltage reference, etc.,
the threshold will be set slightly below this value. The poten-
tial variation in the MIC2776’s voltage reference is specified
as
±1.5%. The resistors chosen will have their own tolerance
specification. This example will assume the use of 1% accu-
rate resistors. The potential worst-case error contribution due
to input bias current can be calculated once the resistor
values are chosen. If the guidelines above regarding the
maximum total value of R1+R2 are followed, this error contri-
bution will be very small thanks to the MIC2776’s very low
input bias current.
To summarize, the various potential error sources are:
• Variation in V
REF:
specified at
±1.5%
• Resistor tolerance:
chosen by designer (typically
≤ ±1%)
• Input bias current, I
IN:
calculated once resistor values are known, typically
very small
Taking the various potential error sources into account, the
threshold voltage will be set slightly below the minimum
V
CORE specification of 0.950V so that when the actual thresh-
old voltage is at its maximum, it will not intrude into the normal
operating range of V
CORE. The target threshold voltage will
be set as follows:
Given that the total tolerance on V
TH is [VREF tolerance] +
[resistor tolerance]
=
±1.5% + ±1% = ±2.5%,
and V
TH(max) = VCORE(min),
then V
CORE(min) = VTH + 2.5% VTH = 1.025 VTH,
therefore, solving for V
TH results in
V=
V
1.025
=
0.950
1.025
= 0.9268V
TH
CORE(min)
Solving for R1 and R2 using this value for V
TH and the
equations above yields:
R1 = 676.3k
Ω ≈ 673kΩ
R2 = 323.7k
Ω ≈ 324kΩ
The resulting circuit is shown in Figure 1.
Input Bias Current Effects
Now that the resistor values are known, it is possible to
calculate the maximum potential error due to input bias
current, I
IN. As shown in the “Electrical Characteristics” table,
the maximum value of I
IN is 10nA. (Note that the typical value
is a much smaller 5pA!) The magnitude of the offset caused
by I
IN is given by:
V
I
R1|| R2
ERROR
IN(max)
=×
() =
V
1 10
A
2.189 10
=
ERROR
5
=± ×
×
×
−8
Ω
V
2.189 10
V =
ERROR
3
=±
× −
V
2.189mV
ERROR =±
The typical error is about three orders of magnitude lower
than this - close to one
microvolt! Generally, the error due
to input bias can be discounted. If it is to be taken into
account, simply adjust the target threshold voltage
downward by this amount and recalculate R1 and R2. The
resulting value will be very close to optimum. If accuracy
is more important than the quiescent current in the
resistors, simply reduce the value of R
TOTAL to minimize
offset errors.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com