Electronic Components Datasheet Search
  English  ▼

X  

MIC2776 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2776
Description  Micro-Power Low Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2776 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC2776 Datasheet HTML 1Page - Micrel Semiconductor MIC2776 Datasheet HTML 2Page - Micrel Semiconductor MIC2776 Datasheet HTML 3Page - Micrel Semiconductor MIC2776 Datasheet HTML 4Page - Micrel Semiconductor MIC2776 Datasheet HTML 5Page - Micrel Semiconductor MIC2776 Datasheet HTML 6Page - Micrel Semiconductor MIC2776 Datasheet HTML 7Page - Micrel Semiconductor MIC2776 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
September 29, 2000
7
MIC2776
MIC2776
Micrel
IN
/RST
VDD
/MR
GND
MIC2776
R1
676k
1%
R2
324k
1%
/RESET
VCORE
GND
VCORE
1.0V
±5%
Manual
Reset
MICROPROCESSOR
VI/O
VI/O
2.5V
±5%
Figure 1. MIC2776 Example Design
Interfacing to Processors With Bidirectional Reset Pins
Some microprocessors have reset signal pins that are bidi-
rectional, rather than input only. The Motorola 68HC11 family
is one example. Because the MIC2776N’s output is open-
drain, it can be connected directly to the processor’s reset pin
using only the pull-up resistor normally required. SeeFigure2.
IN
/RST
VDD
/MR
GND
MIC2776N
R1
R2
/RESET
VCC
GND
VCC
MICROPROCESSOR
100k
Figure 2. Interfacing to Bidirectional Reset Pin
Transient Response
The MIC2776 is inherently immune to very short negative-
going “glitches.” Very brief transients may exceed the voltage
threshold without tripping the output.
As shown in Figure 3, the narrower the transient, the deeper
the threshold overdrive that will be ignored by the MIC2776.
The graph represents the typical allowable transient duration
for a given amount of threshold overdrive that will not gener-
ate a reset.
0
5
10
15
20
25
30
35
40
0
100
200
300
RESET COMP. OVERDRIVE, V
REF–VIN (mV)
Typical INPUT
Transient Response
Figure 3. Typical INPUT Transient Response
Ensuring Proper Operation at Low Supply
At levels of V
DD below 1.2V, the MIC2776L’s /RST output
driver cannot turn on sufficiently to produce a valid logic-low
on the /RST output. In this situation, other circuits driven by
/RST could be allowed to float, causing undesired operation.
(In most cases, however, it is expected that the circuits driven
by the MIC2776L will be similarly inoperative at V
DD ≤ 1.2V.)
If a given application requires that /RST be valid below V
DD
= 1.2V, this can be accomplished by adding a pull-down
resistor to the /RST output. A value of 100k
Ω is recom-
mended as this is usually an acceptable compromise of
leakage current and pull-down current. The resistor’s value is
not critical, however. See Figure 4.
The statements above also apply to the MIC2776H’s RST
output. That is, to ensure valid RST signal levels at V
DD <
1.2V, a pull-up resistor (as opposed to a pull-down) should be
added to the RST output. A value of 100k
Ω is typical for this
application as well. See Figure 5.
IN
/RST
VDD
/MR
GND
MIC2776L
R1
R2
/RESET
VCC
GND
VCC
Manual
Reset
MICROPROCESSOR
100k
Rpull-down
Figure 4. MIC2776L Valid /Reset Below 1.2V
IN
RST
VDD
/MR
GND
MIC2776H
R1
R2
RESET
VCC
GND
VCC
Manual
Reset
MICROPROCESSOR
100k
Rpull-up
Figure 5. MIC2776H Valid Reset Below 1.2V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com