Electronic Components Datasheet Search
  English  ▼

X  

MIC2776 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2776
Description  Micro-Power Low Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2776 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2776 Datasheet HTML 1Page - Micrel Semiconductor MIC2776 Datasheet HTML 2Page - Micrel Semiconductor MIC2776 Datasheet HTML 3Page - Micrel Semiconductor MIC2776 Datasheet HTML 4Page - Micrel Semiconductor MIC2776 Datasheet HTML 5Page - Micrel Semiconductor MIC2776 Datasheet HTML 6Page - Micrel Semiconductor MIC2776 Datasheet HTML 7Page - Micrel Semiconductor MIC2776 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
September 29, 2000
5
MIC2776
MIC2776
Micrel
Functional Description
IN, Under-Voltage Detector Input
The voltage present at the IN pin is compared to the internal
300mV reference voltage. A reset is triggered if and when V
IN
falls below V
REF. Typically, a resistor divider is used to scale
the input voltage to be monitored such that V
IN will fall below
V
REF as the voltage being monitored falls below the desired
trip-point. Hysteresis is employed to prevent chattering due to
noise.
RST, /RST Reset Output
Typically, the MIC2776 is used to monitor the power supply
of intelligent circuits such as microcontrollers and micropro-
cessors. By connecting the reset output of a MIC2776 to the
reset input of a
µC or µP, the processor will be properly reset
at power-on and during power-down and brown-out condi-
Functional Diagram
R
S
Q
/Q
/MR
IN
MIC2776
* Pinout and polarity vary by device type.
See ordering information table.
VDD
/RST*
RST*
VREF
GND
Delay
One Shot
IPU
tions. In addition, asserting /MR, the manual reset input, will
activate the reset function.
The reset outputs are asserted any time /MR is asserted or if
V
IN drops below the threshold voltage. The reset outputs
remain asserted for t
RST(min) after VIN subsequently returns
above the threshold boundary and /MR is released. A reset
pulse is also generated at power-on.
/MR, Manual Reset Input
The ability to initiate a reset via external logic or a manual
switch is provided in addition to the MIC2776’s automatic
supervisory functions. Driving the /MR input to a logic low
causes an immediate and unconditional reset to occur.
Assuming V
IN is within tolerance when /MR is released
(returns high), the reset output will be de-asserted no less
than t
RST later. /MR may be driven by a logic signal, or
mechanical switch. Typically, a momentary push-button switch
is connected such that /MR is shorted to ground when the
switch contacts close. The switch may be connected directly
between /MR and GND. /MR has an internal 100nA pull-up
current to V
DD and may be left open if unused.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com