Electronic Components Datasheet Search
  English  ▼

X  

MIC384 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC384
Description  Three-Zone Thermal Supervisor Advance Information
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC384 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC384 Datasheet HTML 2Page - Micrel Semiconductor MIC384 Datasheet HTML 3Page - Micrel Semiconductor MIC384 Datasheet HTML 4Page - Micrel Semiconductor MIC384 Datasheet HTML 5Page - Micrel Semiconductor MIC384 Datasheet HTML 6Page - Micrel Semiconductor MIC384 Datasheet HTML 7Page - Micrel Semiconductor MIC384 Datasheet HTML 8Page - Micrel Semiconductor MIC384 Datasheet HTML 9Page - Micrel Semiconductor MIC384 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MIC384
Micrel
MIC384
6
September 2000
Functional Description
Pin Descriptions
VDD: Power supply input. See electrical specifications.
GND: Ground return for all MIC384 functions.
CLK: Clock input to the MIC384 from the two-wire serial bus.
The clock signal is provided by the host, and is shared by all
devices on the bus.
DATA: Serial data I/O pin that connects to the two-wire serial
bus. DATA is bi-directional and has an open-drain output
driver. An external pull-up resistor or current source some-
where in the system is necessary on this line. This line is
shared by all devices on the bus.
A0: This inputs sets the least significant bit of the MIC384’s
7-bit slave address. The six most-significant bits are fixed
and are determined by the part number ordered. (See order-
ing information table above.) Each MIC384 will only respond
to its own unique slave address, allowing up to eight MIC384’s
to share a single bus.
A match between the MIC384’s
address and the address specified in the serial bit stream
must be made to initiate communication. A0 should be tied
directly to VDD or ground. See "Temperature Measurement
Functional Diagram
3:1
MUX
8-Bit Sigma-Delta ADC
∑
∫
1-Bit
DAC
A0
T2
DATA
VDD
MIC384
CLK
/INT
2-Wire
Serial Bus
Interface
Temperature
Hysteresis
Registers
State
Machine
and
Digital
Comparator
Digital Filter
and
Control
Logic
Open-Drain
Output
Configuration
Register
Bandgap
Sensor
and
Reference
Result
Registers
Temperature
Setpoint
Registers
T1
GND
Pointer
Register
and Power On" for more information. A0 determines the slave
address as shown in Table 1:
r
e
b
m
u
N
t
r
a
P
s
t
u
p
n
Is
s
e
r
d
d
A
e
v
a
l
S
4
8
3
C
I
M
0
Ay
r
a
n
i
Bx
e
H
0
-
4
8
3
C
I
M0
0
0
0
1
0
0
1
b
8
4
h
11
0
0
1
0
0
1
b
9
4
h
1
-
4
8
3
C
I
M0
0
1
0
1
0
0
1
b
A
4
h
11
1
0
1
0
0
1
b
B
4
h
2
-
4
8
3
C
I
M0
0
0
1
1
0
0
1
b
C
4
h
11
0
1
1
0
0
1
b
D
4
h
3
-
4
8
3
C
I
M0
0
1
1
1
0
0
1
b
E
4
h
11
1
1
1
0
0
1
b
F
4
h
Table 1. MIC384 Slave Address Settings
/INT: Temperature events are indicated to external circuitry
via this output. Operation of the /INT output is controlled by
the MODE and IM bits in the MIC384’s configuration register.
See "Comparator and Interrupt Modes" below. This output is
open-drain and may be wire-OR’ed with other open-drain
signals. Most systems will require a pull-up resistor or current
source on this pin. If the IM bit in the configuration register is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com