Electronic Components Datasheet Search
  English  ▼

X  

MIC384 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC384
Description  Three-Zone Thermal Supervisor Advance Information
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC384 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC384 Datasheet HTML 12Page - Micrel Semiconductor MIC384 Datasheet HTML 13Page - Micrel Semiconductor MIC384 Datasheet HTML 14Page - Micrel Semiconductor MIC384 Datasheet HTML 15Page - Micrel Semiconductor MIC384 Datasheet HTML 16Page - Micrel Semiconductor MIC384 Datasheet HTML 17Page - Micrel Semiconductor MIC384 Datasheet HTML 18Page - Micrel Semiconductor MIC384 Datasheet HTML 19Page - Micrel Semiconductor MIC384 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MIC384
Micrel
MIC384
16
September 2000
T_SET1 Power-Up Value: 0110 0001
b = 61h (+97°C)
T_SET1 Command Byte Value: 0001 0011
b = 13h
* Each LSB represents one degree Centigrade. The values are
in a two's complement format such that 0
°C is reported as
0000 0000
b. See "Temperature Data Format" for more details.
Remote Zone 1 Temperature Setpoint Register
)
1
T
E
S
_
T
(
T
N
I
O
P
T
E
S
E
R
U
T
A
R
E
P
M
E
T
1
E
N
O
Z
E
T
O
M
E
R
e
t
i
r
W
/
d
a
e
R
t
i
B
-
8
]
7
[
D]
6
[
D]
5
[
D]
4
[
D]
3
[
D]
2
[
D]
1
[
D]
0
[
D
B
S
M6
t
i
b5
t
i
b4
t
i
b3
t
i
b2
t
i
b1
t
i
bB
S
L
t
n
i
o
p
t
e
s
e
r
u
t
a
r
e
p
m
e
t
1
e
n
o
z
e
t
o
m
e
r
s
t
i
Bn
o
i
t
c
n
u
Fn
o
i
t
a
r
e
p
O
]
0
:
7
[
D*
t
n
i
o
p
t
e
s
e
r
u
t
a
r
e
p
m
e
t
e
n
o
e
n
o
z
e
t
o
m
e
re
t
i
r
w
/
d
a
e
r
T_HYST1 Power-Up Value: 0101 1100
b = 5Ch (+92°C)
T_HYST1 Command Byte Value: 0001 0010
b = 12h
* Each LSB represents one degree Centigrade. The values are
in a two's complement format such that 0
°C is reported as
0000 0000
b. See "Temperature Data Format" for more details.
Remote Zone 1 Hysteresis Register
)
1
T
S
Y
H
_
T
(
R
E
T
S
I
G
E
R
S
I
S
E
R
E
T
S
Y
H
E
R
U
T
A
R
E
P
M
E
T
1
E
N
O
Z
E
T
O
M
E
R
e
t
i
r
W
/
d
a
e
R
t
i
B
-
8
]
7
[
D]
6
[
D]
5
[
D]
4
[
D]
3
[
D]
2
[
D]
1
[
D]
0
[
D
B
S
M6
t
i
b5
t
i
b4
t
i
b3
t
i
b2
t
i
b1
t
i
bB
S
L
*
s
i
s
e
r
e
t
s
y
h
e
r
u
t
a
r
e
p
m
e
t
1
e
n
o
z
e
t
o
m
e
r
s
t
i
Bn
o
i
t
c
n
u
Fn
o
i
t
a
r
e
p
O
]
0
:
7
[
D*
s
i
s
e
r
e
t
s
y
h
e
r
u
t
a
r
e
p
m
e
t
e
n
o
e
n
o
z
e
t
o
m
e
re
t
i
r
w
/
d
a
e
r
Remote Zone 1 Temperature Result Register
)
1
P
M
E
T
(
T
L
U
S
E
R
E
R
U
T
A
R
E
P
M
E
T
1
E
N
O
Z
E
T
O
M
E
R
y
l
n
O
d
a
e
R
t
i
B
-
8
]
7
[
D]
6
[
D]
5
[
D]
4
[
D]
3
[
D]
2
[
D]
1
[
D]
0
[
D
B
S
M6
t
i
b5
t
i
b4
t
i
b3
t
i
b2
t
i
b1
t
i
bB
S
L
*
C
D
A
m
o
r
f
a
t
a
d
e
r
u
t
a
r
e
p
m
e
t
1
e
n
o
z
e
t
o
m
e
r
s
t
i
Bn
o
i
t
c
n
u
Fn
o
i
t
a
r
e
p
O
]
0
:
7
[
D
e
t
o
m
e
r
r
o
f
a
t
a
d
e
r
u
t
a
r
e
p
m
e
t
d
e
r
u
s
a
e
m
*
e
n
o
e
n
o
z
y
l
n
o
d
a
e
r
TEMP1 Power-Up Value: 0000 0000
b = 00h (0°C)
†
TEMP1 Command Byte Value: 0001 0000
b = 10h
* Each LSB represents one degree Centigrade. The values are
in a two's complement format such that 0
°C is reported as
0000 0000
b. See "Temperature Data Format" for more details.
†
TEMP1 will contain measured temperature data for the
selected zone after the completion of one conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com