Electronic Components Datasheet Search
  English  ▼

X  

MIC384 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC384
Description  Three-Zone Thermal Supervisor Advance Information
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC384 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC384 Datasheet HTML 8Page - Micrel Semiconductor MIC384 Datasheet HTML 9Page - Micrel Semiconductor MIC384 Datasheet HTML 10Page - Micrel Semiconductor MIC384 Datasheet HTML 11Page - Micrel Semiconductor MIC384 Datasheet HTML 12Page - Micrel Semiconductor MIC384 Datasheet HTML 13Page - Micrel Semiconductor MIC384 Datasheet HTML 14Page - Micrel Semiconductor MIC384 Datasheet HTML 15Page - Micrel Semiconductor MIC384 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MIC384
Micrel
MIC384
12
September 2000
is in shutdown mode, and the interrupt status will not be
retained. Since entering shutdown mode stops A/D conver-
sions, the MIC384 is incapable of detecting or reporting
temperature events of any kind while in shutdown. Diode
faults require one or more A/D conversion cycles to be
recognized, and therefore will not be reported either while the
device is in shutdown (see "Diode Faults" above).
Fault_Queue
Fault queues (programmable digital filters) are provided in
the MIC384 to prevent false tripping due to thermal or
electrical noise. The two bits in CONFIG[4:3] set the depth of
Fault_Queue. Fault_Queue then determines the number of
consecutive temperature events (TEMPx > T_SETx, or TEMPx
< T_HYSTx) which must occur in order for the condition to be
considered valid. There are separate fault queues for each
zone. As an example, assume the part is in comparator
mode, and CONFIG[4:3] is programmed with 10
b.
The
measured temperature in zone one would have to exceed
T_SET1 for four consecutive A/D conversions before /INT
would be asserted or the S1 status bit set. Similarly, TEMP1
would then have to be less than T_HYST1 for four consecu-
tive conversions before /INT would be reset. Like any filter,
the fault queue function also has the effect of delaying the
detection of temperature events. In this example, it would
take 4 x t
CONV to detect a temperature event. The depth of
Fault_Queue vs. D[4:3] of the configuration register is shown
in Table 4.
]
3
:
4
[
G
I
F
N
O
Ch
t
p
e
D
e
u
e
u
Q
_
t
l
u
a
F
0
0*
n
o
i
s
r
e
v
n
o
c
1
1
0s
n
o
i
s
r
e
v
n
o
c
2
0
1s
n
o
i
s
r
e
v
n
o
c
4
1
1s
n
o
i
s
r
e
v
n
o
c
6
g
n
i
t
t
e
s
t
l
u
a
f
e
D
*
Table 4. Fault_Queue Depth Settings
Interrupt Generation
Assuming the MIC384 is in interrupt mode and interrupts are
enabled, there are seven different conditions that will cause
the MIC384 to set one of the status bits, S0, S1, or S2, in
CONFIG and assert its /INT output. These conditions are
listed in Table 5. When a temperature event occurs, the
corresponding status bit will be set in CONFIG. This action
cannot be masked. However, a temperature event will only
generate an interrupt signal on /INT if it is specifically enabled
by the interrupt mask bit (IM =0 in CONFIG). Following an
interrupt, the host should read the contents of the configura-
tion register to confirm that the MIC384 was the source of the
interrupt. A read operation on
any register will cause /INT to
be de-asserted. This is shown in Figure 5. The status bits will
only be cleared once CONFIG has been read.
Since temperature-to-digital conversions continue while /INT
is asserted, the measured temperature could change be-
tween the MIC384’s assertion of /INT and the host’s re-
sponse. It is good practice for the interrupt service routine to
read the value in TEMPx, to verify that the over-temperature
or under-temperature condition still exists. In addition, more
than one temperature event may have occurred simulta-
neously or in rapid succession between the assertion of /INT
and servicing of the MIC384 by the host. The interrupt service
routine should allow for this eventuality. Keep in mind that
clearing the status bits and deasserting /INT is not sufficient
to allow further interrupts to occur. TEMPx must become less
than T_HYSTx if the last event was an over-temperature
condition, or greater than T_SETx if the last event was an
under-temperature condition, before /INT can be asserted
again.
Putting the device into shutdown mode will de-assert /INT
and clear the status bits (S0, S1, and S2). This should not be
done before completing the appropriate interrupt service
routine(s).
Polling
The MIC384 may either be polled by the host, or request the
host’s attention via the /INT pin.
In the case of polled
operation, the host periodically reads the contents of CONFIG
to check the state of the status bits. The act of reading
CONFIG clears the status bits. If more than one event that
sets a given status bit occurs before the host polls the
MIC384, only the fact that at least one such event has
occurred will be apparent to the host. For polled systems, the
interrupt mask bit should be set (IM = 1). This will disable
interrupts from the MIC384 and prevent the /INT pin from
sinking current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com