Electronic Components Datasheet Search
  English  ▼

X  

MIC4043 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4043
Description  Low-Voltage Secondary-Side Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4043 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4043 Datasheet HTML 1Page - Micrel Semiconductor MIC4043 Datasheet HTML 2Page - Micrel Semiconductor MIC4043 Datasheet HTML 3Page - Micrel Semiconductor MIC4043 Datasheet HTML 4Page - Micrel Semiconductor MIC4043 Datasheet HTML 5Page - Micrel Semiconductor MIC4043 Datasheet HTML 6Page - Micrel Semiconductor MIC4043 Datasheet HTML 7Page - Micrel Semiconductor MIC4043 Datasheet HTML 8Page - Micrel Semiconductor MIC4043 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC4043
Micrel
MIC4043
2
May 2000
Pin Description
Pin Number
Pin Name
Pin Function
1
IN
Input: Supply voltage input.
2
SNK
Sink (Output): NPN open collector output.
3
GND
Ground
4
FB
Feedback (Input): 1.245V feedback input from external voltage-divider
network.
Pin Configuration
3
4
12
FB
GND
SNK
Part
Identification
IN
RBxx
MIC4043
Ordering Information
Part Number
Marking
Voltage
Tolerance
Configuration
Temperature Range
Package
MIC4043BM4
RBAD
1.245V
1%
Open Collector
–40
°C to +85°C
SOT-143
Absolute Maximum Ratings (Note 1)
Input Voltage (V
IN) ...................................................... +15V
Output Voltage (V
SNK) ................................................ +15V
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Rating, Note 3
human body model .................................................... 2kV
machine model ........................................................ 200V
Operating Ratings (Note 2)
Input Voltage (V
IN) ...................................................... +10V
Output Voltage (V
SNK) ................................................ +10V
Maximum Output Current (I
SNK) ................................ 15mA
Temperature Range (T
A) ........................... –40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com