Electronic Components Datasheet Search
  English  ▼

X  

MIC4043 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4043
Description  Low-Voltage Secondary-Side Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4043 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4043 Datasheet HTML 1Page - Micrel Semiconductor MIC4043 Datasheet HTML 2Page - Micrel Semiconductor MIC4043 Datasheet HTML 3Page - Micrel Semiconductor MIC4043 Datasheet HTML 4Page - Micrel Semiconductor MIC4043 Datasheet HTML 5Page - Micrel Semiconductor MIC4043 Datasheet HTML 6Page - Micrel Semiconductor MIC4043 Datasheet HTML 7Page - Micrel Semiconductor MIC4043 Datasheet HTML 8Page - Micrel Semiconductor MIC4043 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
May 2000
3
MIC4043
MIC4043
Micrel
Electrical Characteristics
T
A = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Parameter
Condition
Min
Typ
Max
Units
Reference Voltage
1.245
V
Reference Voltage Tolerance
±1%
±2
%
Supply Current
I
SNK = 0mA
35
65
µA
70
µA
Transconductance
1mA < I
SNK < 15mA
3.5
150
S
∆I
SINK/∆VIN
2
S
Output Transistor
I
SNK = 15mA
160
250
mV
Saturation Voltage
400
mV
Output Leakage
V
SNK = 5V, output transistor off
0.5
µA
1
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Machine model, 200pF.
Test Circuits
IN
R
A
1k
R1
R2
33k
CFB
2700pF
50
Ω
GND FB
SNK
OUT
RETURN
MIC4043
Floating
Bench
Supply
R
R
OUTPUT
R
A
A
A
* Compensation element
Do Not Ground!
Analyzer
V
T
U
O
1
R2
R
V
8
.
1k
2
7k
3
3
V
5
.
2k
3
3k
3
3
V
3
.
3k
0
2k
3
3
Test Circuit 1. Compensation (Bode Plot) Circuit
IN
1k
R1
R2
33k
C1*
1000pF
R3
2k
C2*
2700pF
GND FB
SNK
OUT
RETURN
MIC4043
Supply
* Compensation components
Test Circuit 2. Transient Response Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com