Electronic Components Datasheet Search
  English  ▼

X  

MIC4043 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4043
Description  Low-Voltage Secondary-Side Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4043 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4043 Datasheet HTML 1Page - Micrel Semiconductor MIC4043 Datasheet HTML 2Page - Micrel Semiconductor MIC4043 Datasheet HTML 3Page - Micrel Semiconductor MIC4043 Datasheet HTML 4Page - Micrel Semiconductor MIC4043 Datasheet HTML 5Page - Micrel Semiconductor MIC4043 Datasheet HTML 6Page - Micrel Semiconductor MIC4043 Datasheet HTML 7Page - Micrel Semiconductor MIC4043 Datasheet HTML 8Page - Micrel Semiconductor MIC4043 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
May 2000
5
MIC4043
MIC4043
Micrel
Functional Diagram
SNK
FB
IN
VREF
1.245V
GND
MIC4043
Functional Description
The MIC4043 combines a G
m amplifier, precision 1.245V
reference, and a pass transistor in a single package.
The operation of the MIC4043 is similar to conventional shunt
regulators such as the industry standard ’431. In a closed
loop system, the MIC4043 maintains the desired feedback
voltage at the FB pin by sinking current onto the SNK pin
proportional to the error voltage at the FB pin. The ratio of sink
current to error voltage is the transconductance of the device.
Reference
The MIC4043 uses a
high-side reference. External voltage
dividers providing feedback to the MIC4043 will be
inverted
when compared to those used with
’431-equivalent devices.
Behavior
The external feedback voltage is compared to the internal
high-side 1.245V reference.
If the feedback voltage, V
FB, is less than VIN – VREF, the
amplifier provides no drive to the sink transistor. If the
feedback voltages is greater than V
IN – VREF, the amplifier
drives the pass transistor which sinks current to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com