Electronic Components Datasheet Search
  English  ▼

X  

MIC4416 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4416
Description  IttyBitty??Low-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4416 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4416 Datasheet HTML 1Page - Micrel Semiconductor MIC4416 Datasheet HTML 2Page - Micrel Semiconductor MIC4416 Datasheet HTML 3Page - Micrel Semiconductor MIC4416 Datasheet HTML 4Page - Micrel Semiconductor MIC4416 Datasheet HTML 5Page - Micrel Semiconductor MIC4416 Datasheet HTML 6Page - Micrel Semiconductor MIC4416 Datasheet HTML 7Page - Micrel Semiconductor MIC4416 Datasheet HTML 8Page - Micrel Semiconductor MIC4416 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 1998
5-23
MIC4416
Micrel
5
Features
• +4.5V to +18V operation
• Low steady-state supply current
50
µA typical, control input low
370
µA typical, control input high
• 1.2A nominal peak output
3.5
Ω typical output resistance at 18V supply
7.8
Ω typical output resistance at 5V supply
• 25mV maximum output offset from supply or ground
• Operates in low-side switch circuits
• TTL-compatible input withstands –20V
• ESD protection
• Inverting and noninverting versions
Applications
• Battery conservation
• Solenoid and motion control
• Lamp control
• Switch-mode power supplies
Ordering Information
Part Number
Temp. Range
Package
Marking
Noninverting
MIC4416BM4
–40
°C to +85°C
SOT-143
D10
Inverting
MIC4417BM4
–40
°C to +85°C
SOT-143
D11
MIC4416/4417
IttyBitty™ Low-Side MOSFET Driver
General Description
The MIC4416 and MIC4417 IttyBitty™ low-side MOSFET
drivers are designed to switch an N-channel enhancement-
type MOSFET from a TTL-compatible control signal in low-
side switch applications. The MIC4416 is noninverting and
the MIC4417 is inverting. These drivers feature short delays
and high peak current to produce precise edges and rapid
rise and fall times. Their tiny 4-lead SOT-143 package uses
minimum space.
The MIC4416/7 is powered from a +4.5V to +18V supply
voltage. The on-state gate drive output voltage is approxi-
mately equal to the supply voltage (no internal regulators or
clamps). High supply voltages, such as 10V, are appropriate
for use with standard N-channel MOSFETs. Low supply
voltages, such as 5V, are appropriate for use with logic-level
N-channel MOSFETs.
In a low-side configuration, the driver can control a MOSFET
that switches any voltage up to the rating of the MOSFET.
The MIC4416 is available in the SOT-143 package and
is rated for –40
°C to +85°C ambient temperature range.
Typical Application
On
Off
VS
CTL
G
GND
MIC4416
4.7µF
Si9410DY*
N-channel
MOSFET
Load
Voltage†
1
32
4
+12V
† Load voltage limited only by
MOSFET drain-to-source rating
* Siliconix
30m
Ω, 7A max.
0.1µF
Low-Side Power Switch


Similar Part No. - MIC4416

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4416 MIC-MIC4416 Datasheet
122Kb / 10P
IttyBitty??Low-Side MOSFET Driver
logo
Micrel Semiconductor
MIC4416BM4 MICREL-MIC4416BM4 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4416BM4 MIC-MIC4416BM4 Datasheet
122Kb / 10P
IttyBitty??Low-Side MOSFET Driver
MIC4416YM4 MIC-MIC4416YM4 Datasheet
122Kb / 10P
IttyBitty??Low-Side MOSFET Driver
More results

Similar Description - MIC4416

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5018 MICREL-MIC5018 Datasheet
58Kb / 7P
IttyBitty??High-Side MOSFET Driver Preliminary Information
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
Low-Cost IttyBitty Thermal Sensor IttyBitty
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
MIC5018 MICREL-MIC5018_06 Datasheet
209Kb / 8P
IttyBitty??High-Side MOSFET Driver
MIC5020 MICREL-MIC5020_05 Datasheet
185Kb / 8P
Current-Sensing Low-Side MOSFET Driver
MIC2514 MICREL-MIC2514_08 Datasheet
177Kb / 6P
IttyBitty Integrated High-Side Switch
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
Low-Cost IttyBitty??Thermal Sensor IttyBitty
logo
MIC GROUP RECTIFIERS
MIC4416 MIC-MIC4416_11 Datasheet
122Kb / 10P
IttyBitty??Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com