Electronic Components Datasheet Search
  English  ▼

X  

MIC4416 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4416
Description  IttyBitty??Low-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4416 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4416 Datasheet HTML 1Page - Micrel Semiconductor MIC4416 Datasheet HTML 2Page - Micrel Semiconductor MIC4416 Datasheet HTML 3Page - Micrel Semiconductor MIC4416 Datasheet HTML 4Page - Micrel Semiconductor MIC4416 Datasheet HTML 5Page - Micrel Semiconductor MIC4416 Datasheet HTML 6Page - Micrel Semiconductor MIC4416 Datasheet HTML 7Page - Micrel Semiconductor MIC4416 Datasheet HTML 8Page - Micrel Semiconductor MIC4416 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
April 1998
5-27
MIC4416
Micrel
5
0
10
20
30
40
50
0
3
6
9
12
15
18
SUPPLY VOLTAGE (V)
Rise and Fall Time
vs. Supply Voltage
FALL
RISE
f
CTL = 1MHz
0
10
20
30
40
50
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Rise and Fall Time
vs. Temperature
RISE
V
SUPPLY = 5V
f
CTL = 1MHz
FALL
0
10
20
30
40
50
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Rise and Fall Time
vs. Temperature
RISE
V
SUPPLY = 18V
f
CTL = 1MHz
FALL
Typical Characteristics Note 3
0
100
200
300
400
500
0
3
6
9
12
15
18
SUPPLY VOLTAGE (V)
Quiescent Supply Current
vs. Supply Voltage
V
CTL = 5V
V
CTL = 0V
0.1
1
10
100
1
10
100
CAPACITANCE (nF)
Supply Current
vs. Load Capacitance
V
SUPPLY = 5V
100kHz
10kHz
1MHz
0.1
1
10
100
FREQUENCY (kHz)
Supply Current
vs. Frequency
V
SUPPLY = 18V
5V
0.01
0.1
1
10
100
1
10
100
CAPACITANCE (nF)
Output Rise and Fall Time
vs. Load Capacitance
FALL
RISE
V
SUPPLY = 5V
f
CTL = 50kHz
0
10
20
30
40
50
60
0
3
6
9
12
15
18
SUPPLY VOLTAGE (V)
Delay Time
vs. Supply Voltage
V
CTL RISE
V
CTL FALL
0
10
20
30
40
50
60
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Delay Time
vs. Temperature
V
SUPPLY = 5V
V
CTL RISE
V
CTL FALL
0
10
20
30
40
50
60
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Delay Time
vs. Temperature
V
SUPPLY = 18V
V
CTL RISE
V
CTL FALL
0.1
1
10
100
1
10
100
CAPACITANCE (nF)
Supply Current
vs. Load Capacitance
V
SUPPLY = 18V
100kHz
10kHz
1MHz
0.01
0.1
1
10
1
10
100
CAPACITANCE (nF)
Output Rise and Fall Time
vs. Load Capacitance
FALL
RISE
V
SUPPLY = 18V
f
CTL = 50kHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com