Electronic Components Datasheet Search
  English  ▼

X  

MIC4416 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4416
Description  IttyBitty??Low-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4416 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4416 Datasheet HTML 1Page - Micrel Semiconductor MIC4416 Datasheet HTML 2Page - Micrel Semiconductor MIC4416 Datasheet HTML 3Page - Micrel Semiconductor MIC4416 Datasheet HTML 4Page - Micrel Semiconductor MIC4416 Datasheet HTML 5Page - Micrel Semiconductor MIC4416 Datasheet HTML 6Page - Micrel Semiconductor MIC4416 Datasheet HTML 7Page - Micrel Semiconductor MIC4416 Datasheet HTML 8Page - Micrel Semiconductor MIC4416 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIC4416
Micrel
5-26
April 1998
Definitions
VS
CTL
G
GND
MIC4416/7
VSUPPLY
1
32
4
VOUT ≈ VSUPPLY
Source State
(P-channel on, N-channel off)
IOUT
ISUPPLY
VS
CTL
G
GND
MIC4416/7
VSUPPLY
1
32
4
VOUT ≈ GND
Sink State
(P-channel off, N-channel on)
IOUT
ISUPPLY
MIC4416 = high
MIC4417 = low
MIC4416 = low
MIC4417 = high
MIC4416/MIC4417 Operating States
90%
10%
rise
time
10%
0V
5V
fall
time
V
S
OUTPUT
INPUT
90%
0V
delay
time
delay
time
pulse
width
2.5V
MIC4416 (Noninverting) Timing Definitions
delay
time
90%
10%
rise
time
10%
0V
5V
delay
time
fall
time
V
S
OUTPUT
INPUT
90%
0V
2.5V
pulse
width
MIC4417 (Inverting) Timing Definitions
Test Circuit
5V
0V
VS
CTL
G
GND
MIC4416/7
VSUPPLY
1
32
4
CL
VOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com