Electronic Components Datasheet Search
  English  ▼

X  

MIC4574 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4574
Description  200kHz Simple 0.5A Buck Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4574 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4574 Datasheet HTML 1Page - Micrel Semiconductor MIC4574 Datasheet HTML 2Page - Micrel Semiconductor MIC4574 Datasheet HTML 3Page - Micrel Semiconductor MIC4574 Datasheet HTML 4Page - Micrel Semiconductor MIC4574 Datasheet HTML 5Page - Micrel Semiconductor MIC4574 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MIC4574
Micrel
4-92
April 1998•
MIC4574
200kHz Simple 0.5A Buck Voltage Regulator
General Description
The MIC4574 is a series of easy to use fixed and adjustable
BiCMOS step-down (buck) switch-mode voltage regulators.
The 200kHz MIC4574 duplicates the pinout and function of
the 52kHz LM2574. The higher switching frequency may
allow up to a 2:1 reduction in output filter inductor size.
The MIC4574 is available in 3.3V, and 5V fixed output
versions or a 1.23V to 20V adjustable output version. Both
versions are capable of driving a 0.5A load with excellent line
and load regulation.
The feedback voltage is guaranteed to
±2% tolerance for
adjustable versions, and the output voltage is guaranteed to
±3% for fixed versions, within specified voltages and load
conditions. The oscillator frequency is guaranteed to
±10%.
In shutdown mode, the regulator draws less than 200
µA
standby current.
The regulator performs cycle-by-cycle
current limiting and thermal shutdown for protection under
fault conditions.
This series of simple switch-mode regulators requires a
minimum number of external components and can operate
using a standard series of inductors. Frequency compensa-
tion is provided internally.
The MIC4574 is available in DIP (N) and SOIC (WM) pack-
ages for the industrial temperature range.
Typical Applications
C1
47µF
35V
D1
1N5819
C2
220µF
16V
L1
100µH
SGND
FB
SW
MIC4574-5.0BN
SHDN
8V to 24V
5.0V/0.5A
VIN
PGND
24
1
7
3
5
Shutdown
Enable
Fixed Regulator
C1
10µF
35V
D1
C2
330µF
6.3V
L1
100µH
SGND
FB
SW
MIC4574BWM
SHDN
6V to 24V
3.3V/0.5A
VIN
R2
2.49k
1%
R1
1.50k
1%
PGND
3
12
6
4
10
5
C3
3300pF
MBRS130LT3
Shutdown
Enable
Adjustable Regulator
Features
• Fixed 200kHz operation
• 3.3V, 5V, and adjustable output versions
• Voltage over specified line and load conditions:
Fixed version:
±3% max. output voltage
Adjustable version:
±2% max. feedback voltage
• Guaranteed 0.5A switch current
• Wide 4V to 24V input voltage range
• Wide 1.23V to 20V output voltage range
• Requires minimum external components
• < 200
µA typical shutdown mode
• 75% efficiency (adjustable version > 75% typ.)
• Standard inductors and capacitors are
25% of typical LM2574 values
• Thermal shutdown
• Overcurrent protection
• 100% electrical thermal limit burn-in
Applications
• Simple high-efficiency step-down (buck) regulator
• Efficient preregulator for linear regulators
• On-card switching regulators
• Positive-to-negative converter (inverting buck-boost)
• Isolated flyback converter using minimum external
components
• Negative boost converter


Similar Part No. - MIC4574

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4574-3.3BN MICREL-MIC4574-3.3BN Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4574-3.3YN MICREL-MIC4574-3.3YN Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4574-5.0BN MICREL-MIC4574-5.0BN Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4574-5.0YN MICREL-MIC4574-5.0YN Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4574BN MICREL-MIC4574BN Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
More results

Similar Description - MIC4574

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
52kHz Simple 0.5A Buck Regulator
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
200kHz Simple 1A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
200kHz Simple 3A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
52kHz Simple 0.5A Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
200kHz Simple 3A Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
logo
XLSEMI
XL7005 XLSEMI-XL7005 Datasheet
205Kb / 7P
0.5A 200KHz 65V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com