Electronic Components Datasheet Search
  English  ▼

X  

MIC4574 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4574
Description  200kHz Simple 0.5A Buck Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4574 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4574 Datasheet HTML 1Page - Micrel Semiconductor MIC4574 Datasheet HTML 2Page - Micrel Semiconductor MIC4574 Datasheet HTML 3Page - Micrel Semiconductor MIC4574 Datasheet HTML 4Page - Micrel Semiconductor MIC4574 Datasheet HTML 5Page - Micrel Semiconductor MIC4574 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MIC4574
Micrel
4-96
April 1998•
Functional Description
The MIC4574 is a variable duty cycle switch-mode regulator
with an internal power switch. Refer to the block diagrams.
Supply Voltage
The MIC4574 operates from a +4V to +24V unregulated
input. Highest efficiency operation is from a supply voltage
below +15V.
Enable/Shutdown
The shutdown (SHDN) input is TTL compatible. Ground the
input if unused. A logic-low enables the regulator. A logic-
high shuts down the internal regulator which reduces the
current to typically 50
µA.
Feedback
Fixed versions of the regulator have an internal resistive
divider from the feedback (FB) pin. Connect FB directly to the
output line.
Adjustable versions require an external resistive voltage
divider from the output voltage to ground, connected from the
1.23V tap to FB.
Duty Cycle Control
A fixed-gain error amplifier compares the feedback signal
with a 1.23V bandgap voltage reference. The resulting error
amplifier output voltage is compared to a 200kHz sawtooth
waveform to produce a voltage controlled variable duty cycle
output.
A higher feedback voltage increases the error amplifier
output voltage. A higher error amplifier voltage (comparator
inverting input) causes the comparator to detect only the
peaks of the sawtooth, reducing the duty cycle of the com-
parator output. A lower feedback voltage increases the duty
cycle.
Output Switching
When the internal switch is on, an increasing current flows
from the supply V
IN, through external storage inductor L1, to
output capacitor C
OUT and the load. Energy is stored in the
inductor as the current increases with time.
When the internal switch is turned off, the collapse of the
magnetic field in L1 forces current to flow through fast
recovery diode D1, charging C
OUT.
Output Capacitor
External output capacitor C
OUT provides stabilization and
reduces ripple.
Return Paths
During the on portion of the cycle, the output capacitor and
load currents return to the supply ground. During the off
portion of the cycle, current is being supplied to the output
capacitor and load by storage inductor L1, which means that
D1 is part of the high-current return path.
Applications Information
The applications circuits that follow have been constructed
and tested.
Refer to Application Note 15 for additional
information, including efficiency graphs and manufacturer’s
addresses and telephone numbers for most circuits.
For a mathematical approach to component selection and
circuit design, refer to Application Note 14.
C1
47µF
35V
D1
1N5819
C2
220µF
16V
L1
100µH
SGND
FB
SW
MIC4574-3.3BN
SHDN
6V to 24V
3.3V/0.5A
VIN
C1 Nichicon
UPL1V470MEH, ESR = 0.34
Ω
C2 Nichicon
UPL1C221MPH, ESR = 0.16
Ω
D1 Motorola
1N5819
L1
Sumida
RCH875-101K, DCR = 0.28
Ω
PGND
24
1
7
3
5
Figure 1. 6V–24V to 3.3V/0.5A Buck Converter
Through Hole
C1
47µF
35V
D1
1N5819
C2
220µF
16V
L1
100µH
SGND
FB
SW
MIC4574-5.0BN
SHDN
8V to 24V
5.0V/0.5A
VIN
C1 Nichicon
UPL1J470MEH, ESR = 0.34
Ω
C2 Nichicon
UPL1C221MPH, ESR = 0.16
Ω
D1 Motorola
1N5819
L1
Sumida
RCH875-101K, DCR = 0.28
Ω
PGND
24
1
7
3
5
Figure 2. 8V–24V to 5V/0.5A Buck Converter
Through Hole
C1
33µF
63V
MBR160
C2
220µF
16V
L1
220µH
SGND
FB
SW
MIC4574BN
SHDN
16V to 24V
12V/0.5A
VIN
R2
13.0k
1%
R1
1.50k
1%
C1 Nichicon
UPL1J330MEH, ESR = 0.35
Ω
C2 Nichicon
UPL1C221MPH, ESR = 0.16
Ω
D1 Motorola
MBR160
L1
Sumida
RCH106-221K, DCR = 0.78
Ω
PGND
1
7
4
2
5
3
Figure 3. 16V–24V to 12V/0.5A Buck Converter
Through Hole



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com