Electronic Components Datasheet Search
  English  ▼

X  

MIC4576 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4576
Description  200kHz Simple 3A Buck Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4576 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC4576 Datasheet HTML 1Page - Micrel Semiconductor MIC4576 Datasheet HTML 2Page - Micrel Semiconductor MIC4576 Datasheet HTML 3Page - Micrel Semiconductor MIC4576 Datasheet HTML 4Page - Micrel Semiconductor MIC4576 Datasheet HTML 5Page - Micrel Semiconductor MIC4576 Datasheet HTML 6Page - Micrel Semiconductor MIC4576 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MIC4576
Micrel
MIC4576
4-134
April 1998•
C1
470µF
35V
D1
1N5822
C2
1000µF
16V
L1
33µH
GND
FB
SW
MIC4576-5.0BT
SHDN
8V to 24V
5V/3A
VIN
C1 Nichicon
UPL1J471MPH, ESR = 0.046
Ω
C2 Nichicon
UPL1C102MPH, ESR = 0.047
Ω
D1 Motorola
MBR5822
L1 Coiltronics
PL52C-33-1000, DCR = 0.036
L1
Bi
HM77-30004, DCR = 0.045
Ω, Note 2
3
4
2
5
1
Figure 3. 8V–24V to 5V/3A Buck Converter
Through Hole
Note 2:
Surface-mount component.
C1
470µF
63V
D1
MBR360
C2
1000µF
16V
L1
33µH
GND
FB
SW
MIC4576-5.0BT
SHDN
8V to 36V
5V/3A
VIN
C1 Nichicon
UPL1J471MRH, ESR = 0.039
Ω
C2 Nichicon
UPL1C102MPH, ESR = 0.047
Ω
D1 Motorola
MBR360
L1
Coiltronics PLS2C-33-1000, DCR = 0.036
L1
Bi
HM77-30004, DCR = 0.045
Ω, Note 2
3
4
2
5
1
Figure 4. 8V–36V to 5V/3A Buck Converter
Through Hole
C1
470µF
63V
MBR360
C2
1000µF
16V
L1
68µH
GND
FB
SW
MIC4576BT
SHDN
16V to 36V
12V/3A
VIN
R2
13.0k
1%
R1
1.50k
1%
C1 Nichicon
UPL1J471MPH, ESR = 0.039
Ω
C2 Nichicon
UPL1C102MPH, ESR = 0.047
Ω
D1 Motorola
MBR360
L1
Bi
HM77-29006, DCR = 0.08
Ω
5
1
4
2
3
Figure 5. 16V–36V to 12V/3A Buck Converter
Through Hole
D1
MBR360
C2
1000µF
16V
L1
33µH
GND
FB
SW
MIC4576-5.0BT
SHDN
V
IN
8V to 36V
VOUT
5V/4A
VIN
3
4
2
5
1
C3
470µF
63V
D2
MBR360
L2
33µH
GND
SW
FB
MIC4576-5.0BT
SHDN
VIN
3
2
4
5
1
4
1
2
3
8
U3
LM358
C5
0.01µF
R3
10K
R1
0.1
Ω
C1
470µF
63V
C4
1000µF
16V
R2
0.1
Ω
C1, C3
Nichicon
UPL1J471MRH, ESR = 0.039
Ω
C2, C4
Nichicon
UPL1C102MPH, ESR = 0.047
Ω
D1, D2
Motorola
MBR360
L1, L2
Coiltronics PL52C-33-1000, DCR = 0.036
R1, R2
KRL
SP-1-A1-0R100J
U3
National
LM358
U1
U2
V
IN
Figure 6. Parallel Switching Regulators



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com