Electronic Components Datasheet Search
  English  ▼

X  

MIC4576 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4576
Description  200kHz Simple 3A Buck Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4576 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4576 Datasheet HTML 1Page - Micrel Semiconductor MIC4576 Datasheet HTML 2Page - Micrel Semiconductor MIC4576 Datasheet HTML 3Page - Micrel Semiconductor MIC4576 Datasheet HTML 4Page - Micrel Semiconductor MIC4576 Datasheet HTML 5Page - Micrel Semiconductor MIC4576 Datasheet HTML 6Page - Micrel Semiconductor MIC4576 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MIC4576
Micrel
MIC4576
4-130
April 1998•
Electrical Characteristics
V
IN = 12V; ILOAD = 500mA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
MIC4576 [Adjustable]
Feedback Voltage
1.217
1.230
1.243
V
Feedback Voltage
8V
≤ V
IN ≤ 36V, 0.5A ≤ ILOAD ≤ 3A
1.193
1.230
1.267
V
1.180
1.280
V
Efficiency
I
LOAD = 3A, Note 1
77
%
Maximum Duty Cycle (On)
V
FB = 1.0V
90
95
%
Output Leakage Current
V
IN = 36V, VFB = 1.5V
output = 0V
0
2
mA
output = –1V
7.5
30
mA
Quiescent Current
V
FB = 1.5V
5
10
mA
Feedback Bias Current
50
100
nA
500
nA
MIC4576-3.3
Output Voltage
3.234
3.3
3.366
V
Output Voltage
6V
≤ V
IN ≤ 36V, 0.5A ≤ ILOAD ≤ 3A
3.168
3.3
3.432
V
3.135
3.465
V
Efficiency
I
LOAD = 3A
72
%
Maximum Duty Cycle (On)
V
FB = 2.5V
90
95
%
Output Leakage Current
V
IN = 36V, VFB = 4.0V
output = 0V
0
2
mA
output = –1V
7.5
30
mA
Quiescent Current
V
FB = 4.0V
5
10
mA
MIC4576-5.0
Output Voltage
4.900
5.0
5.100
V
Output Voltage
8V
≤ V
IN ≤ 36V, 0.5A ≤ ILOAD ≤ 3A
4.800
5.0
5.200
V
4.750
5.250
V
Efficiency
I
LOAD = 3A
77
%
Maximum Duty Cycle (On)
V
FB = 4.0V
90
95
%
Output Leakage Current
V
IN = 36V, VFB = 6.0V
output = 0V
0
2
mA
output = –1V
7.5
30
mA
Quiescent Current
V
FB = 6.0V
5
10
mA
Absolute Maximum Ratings
Supply Voltage (V
IN) ................................................... +40V
Shutdown Voltage (V
SHDN) .......................... –0.3V to +36V
Output Switch (V
SW), Steady State ............................... –1V
Feedback Voltage (V
FB) [Adjustable] ......................... +3.8V
Storage Temperature ............................... –65
°C to +150°C
Operating Ratings
Supply Voltage (V
IN) ................................................... +36V
Junction Temperature ............................................. +150
°C
Package Thermal Resistance
TO-220, TO-263 (
θ
JA) ......................................... 65°C/W
TO-220, TO-263 (
θ
JA) ........................................... 2°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com