Electronic Components Datasheet Search
  English  ▼

X  

MIC4576 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4576
Description  200kHz Simple 3A Buck Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4576 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4576 Datasheet HTML 1Page - Micrel Semiconductor MIC4576 Datasheet HTML 2Page - Micrel Semiconductor MIC4576 Datasheet HTML 3Page - Micrel Semiconductor MIC4576 Datasheet HTML 4Page - Micrel Semiconductor MIC4576 Datasheet HTML 5Page - Micrel Semiconductor MIC4576 Datasheet HTML 6Page - Micrel Semiconductor MIC4576 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MIC4576
Micrel
MIC4576
4-128
April 1998•
MIC4576
200kHz Simple 3A Buck Voltage Regulator
General Description
The MIC4576 is a series of easy to use fixed and adjustable
BiCMOS step-down (buck) switch-mode voltage regulators.
The 200kHz MIC4576 duplicates the pinout and function of
the 52kHz LM2576. The higher switching frequency may
allow up to a 2:1 reduction in output filter inductor size.
The MIC4576 is available in 3.3V, and 5V fixed output
versions or a 1.23V to 33V adjustable output version. Both
versions are capable of driving a 3A load with excellent line
and load regulation.
The feedback voltage is guaranteed to
±2% tolerance for
adjustable versions, and the output voltage is guaranteed to
±3% for fixed versions, within specified voltages and load
conditions. The oscillator frequency is guaranteed to
±10%.
In shutdown mode, the regulator draws less than 200
µA
standby current.
The regulator performs cycle-by-cycle
current limiting and thermal shutdown for protection under
fault conditions.
This series of simple switch-mode regulators requires a
minimum number of external components and can operate
using a standard series of inductors. Frequency compensa-
tion is provided internally.
The MIC4576 is available in TO-220 (T) and TO-263 (U)
packages for the industrial temperature range.
Typical Applications
C1
470µF
63V
D1
MBR360
C2
1000µF
16V
L1
33µH
GND
FB
SW
MIC4576-5.0BT
SHDN
8V to 36V
5V/3A
VIN
3
4
2
5
1
Shutdown
Enable
Fixed Regulator
C1
470µF
63V
MBR360
C2
1000µF
16V
L1
68µH
GND
FB
SW
MIC4576BT
SHDN
16V to 36V
12V/3A
VIN
R2
13.0k
1%
R1
1.50k
1%
5
1
4
2
3
Shutdown
Enable
Adjustable Regulator
Features
• Fixed 200kHz operation
• 3.3V, 5V, and adjustable output versions
• Voltage over specified line and load conditions:
Fixed version:
±3% max. output voltage
Adjustable version:
±2% max. feedback voltage
• Guaranteed 3A switch current
• Wide 4V to 36V input voltage range
• Wide 1.23V to 33V output voltage range
• Requires minimum external components
• < 200
µA typical shutdown mode
• 75% efficiency (adjustable version > 75% typical)
• Standard inductors are 25% of typical LM2576 values
• Thermal shutdown
• Overcurrent protection
• 100% electrical thermal limit burn-in
Applications
• Simple high-efficiency step-down (buck) regulator
• Efficient preregulator for linear regulators
• On-card switching regulators
• Positive-to-negative converter (inverting buck-boost)
• Battery Charger
• Negative boost converter
• Step-down to 3.3V for Intel Pentium™
and similar microprocessors


Similar Part No. - MIC4576

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4576-3.3BT MICREL-MIC4576-3.3BT Datasheet
218Kb / 8P
200kHz Simple 3A Buck Regulator
MIC4576-3.3BU MICREL-MIC4576-3.3BU Datasheet
218Kb / 8P
200kHz Simple 3A Buck Regulator
MIC4576-3.3WT MICREL-MIC4576-3.3WT Datasheet
218Kb / 8P
200kHz Simple 3A Buck Regulator
MIC4576-3.3WU MICREL-MIC4576-3.3WU Datasheet
218Kb / 8P
200kHz Simple 3A Buck Regulator
MIC4576-5.0BT MICREL-MIC4576-5.0BT Datasheet
218Kb / 8P
200kHz Simple 3A Buck Regulator
More results

Similar Description - MIC4576

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
200kHz Simple 0.5A Buck Voltage Regulator
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
200kHz Simple 1A Buck Voltage Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
200kHz Simple 3A Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
EZBuck??3A Simple Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com