Electronic Components Datasheet Search
  English  ▼

X  

MIC4807 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4807
Description  80V 8-Channel Addressable Low-Side Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4807 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC4807 Datasheet HTML 1Page - Micrel Semiconductor MIC4807 Datasheet HTML 2Page - Micrel Semiconductor MIC4807 Datasheet HTML 3Page - Micrel Semiconductor MIC4807 Datasheet HTML 4Page - Micrel Semiconductor MIC4807 Datasheet HTML 5Page - Micrel Semiconductor MIC4807 Datasheet HTML 6Page - Micrel Semiconductor MIC4807 Datasheet HTML 7Page - Micrel Semiconductor MIC4807 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC4807
Micrel
7-8
October 1998
Truth Table
CS
Clear
Data-In CIN BIN AIN OE HVOUT0 HVOUT1 HVOUT2 HVOUT3 HVOUT4 HVOUT5 HVOUT6 HVOUT7
Functional Mode
X
L
X
X
X
X
X
H
H
H
H
H
H
H
H
Clear
H
H
X
X
X
X
H
P
P
P
P
P
P
P
P
Memory
L
H
D
L
L
L
H
D
P
P
P
P
P
P
P
Address HVOUT0
L
H
D
L
L
H
H
P
D
P
P
P
P
P
P
Address HVOUT1
L
H
D
L
H
L
H
P
P
D
P
P
P
P
P
Address HVOUT2
L
H
D
L
H
H
H
P
P
P
D
P
P
P
P
Address HVOUT3
L
H
D
H
L
L
H
P
P
P
P
D
P
P
P
Address HVOUT4
L
H
D
H
L
H
H
P
P
P
P
P
D
P
P
Address HVOUT5
L
H
D
H
H
L
H
P
P
P
P
P
P
D
P
Address HVOUT6
L
H
D
H
H
H
H
P
P
P
P
P
P
P
D
Address HVOUT7
X
X
X
X
X
X
L
H
H
H
H
H
H
H
H
Blanking
L = Low Logic Level
X = Don't Care
H = High Logic Level
P = Previous State
D = Data (High or Low)
Equivalent Logic Diagram
+
-
+
-
1.4V
CIN
BIN
AIN
CS
Data-in
Clear
OE
50µA
75µA
VDD
Drive
Circuit
Address
Decoder
Drive
Circuit
OVER
TEMP
Total of
8 Channels
CIN BIN AIN
CS
Data-in
Clear
OE
HVOUT7
HVOUT0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com