Electronic Components Datasheet Search
  English  ▼

X  

MIC4807 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4807
Description  80V 8-Channel Addressable Low-Side Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4807 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4807 Datasheet HTML 1Page - Micrel Semiconductor MIC4807 Datasheet HTML 2Page - Micrel Semiconductor MIC4807 Datasheet HTML 3Page - Micrel Semiconductor MIC4807 Datasheet HTML 4Page - Micrel Semiconductor MIC4807 Datasheet HTML 5Page - Micrel Semiconductor MIC4807 Datasheet HTML 6Page - Micrel Semiconductor MIC4807 Datasheet HTML 7Page - Micrel Semiconductor MIC4807 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MIC4807
Micrel
October 1998
7-7
7
Test Circuit and AC Waveform Measurement Standards
VOUT7
VDD
VIN
VIN
VIN
VDD=10V
tDelay
5V
0V
VIN
10V
0V
VOUT
All reference times are taken
from the 50% transition point.
VOUT3
VOUT2
VOUT1
VOUT0
VOUT6
VOUT5
VOUT4
C = 35pF
R = 10k
Ω
RC
RC
RC
RC
RC
RC
RC
RC
18
MIC4807
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com