Electronic Components Datasheet Search
  English  ▼

X  

MIC4807 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4807
Description  80V 8-Channel Addressable Low-Side Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4807 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4807 Datasheet HTML 1Page - Micrel Semiconductor MIC4807 Datasheet HTML 2Page - Micrel Semiconductor MIC4807 Datasheet HTML 3Page - Micrel Semiconductor MIC4807 Datasheet HTML 4Page - Micrel Semiconductor MIC4807 Datasheet HTML 5Page - Micrel Semiconductor MIC4807 Datasheet HTML 6Page - Micrel Semiconductor MIC4807 Datasheet HTML 7Page - Micrel Semiconductor MIC4807 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC4807
Micrel
7-4
October 1998
Electrical Characteristics: (Note 6) MIC4807BN, T
A = 25°C, VDD = 15V unless otherwise specified (see
Test Circuit).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply Voltage
4.5
16
V
IDD
Supply Current
OE = L (Note 3)
5.5
10
mA
OE = H (Note 4)
1.5
3
mA
VIN (0)
Logic Input Voltage
4.5V
≤ VDD ≤ 16V
0.8
V
VIN (1)
2.0
V
IIN (0)
Logic Input Current for AIN,VIN = 0V
–150
–70
–25
µA
BIN, CIN, and Data-in
IIN (1)
Logic Input Current for CS,
VIN = VDD
25
130
250
µA
OE, and Clear
IOUT
Output Leakage Current
OE = 0V, VOUT = 80V
1
10
µA
RON
Output "ON" Resistance
Output is ON, VOUT = 0.7V,VDD = 10V
5.1
7
Ω
ISC
Short Circuit Current
Output is ON< VOUT = 50V
140
190
250
mA
10V
≤ VDD ≤ 15V (Note 5)
VOUT
Output Voltage (OFF)
80
V
VOUT
Output Voltage (ON)
IOUT = 50mA,VDD = 10V
0.26
0.35
V
IOUT = 100mA, VDD = 10V
0.51
0.7
V
Data and Address
VDD = 10V for all timing tests
400
ns
Set-up Time
(A, see Timing Diagram)
Data and Address
(B)
50
ns
Hold Time
CS Pulse Width
(C)
500
ns
Turn-on Delay
(D)
2.5
ns
General Description (Continued)
turned on simultaneously, Gray Code address sequencing
can be applied to Ain, Bin, Cin, while Data-in is held high and
CS is held low. Data-in will be transferred to each address in
turn, without the need to toggle CS. Similarly, a set of outputs
could be simultaneously turned off by setting Data-in low.
Gray Code ensures that no intermediate addresses are
inadvertently accessed. A typical Gray Code is 0, 1, 3, 2, 6,
7, 5, 4.
Each output drive circuit has a high-voltage, power DMOS
device configured as a transconductance loop. This loop
limits the output current to typically 200mA. While current
limiting keeps the output device within its allowable safe-
operating area (SOA), the power dissipation may be exces-
sive. Long-term survival is guaranteed by thermal shutdown.
When operated below current limit, the outputs appear as
small-valued resistors (typically 5.1
Ω at 25°C) connected to
ground. The "ON" resistance (RON) has a strong, positive
temperature coefficient (approximately 7500 ppm/
°C) which
promotes current sharing if two or more outputs are paral-
leled.
Absolute Maximum Ratings (Notes 1, 2 and 3)
Output Voltage (VOUT, OFF)
100V
Supply Voltage (VDD)
16.5V
Logic Input Voltage (VIN)
–0.3V TO VDD + 0.3
Continuous Output Current (IOUT)
Internally Limited
Power Dissipation (PD, Note 2)
Internally Limited
Ambient Temperature (TA):
–40
°C to +85°C
Maximum Junction Temperature (TJMAX)
150
°C
Storage Temperature
–65
°C to +150°C
θ
JA - Plastic DIP
130
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com