Electronic Components Datasheet Search
  English  ▼

X  

MIC5013 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5013
Description  Protected High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5013 Datasheet HTML 5Page - Micrel Semiconductor MIC5013 Datasheet HTML 6Page - Micrel Semiconductor MIC5013 Datasheet HTML 7Page - Micrel Semiconductor MIC5013 Datasheet HTML 8Page - Micrel Semiconductor MIC5013 Datasheet HTML 9Page - Micrel Semiconductor MIC5013 Datasheet HTML 10Page - Micrel Semiconductor MIC5013 Datasheet HTML 11Page - Micrel Semiconductor MIC5013 Datasheet HTML 12Page - Micrel Semiconductor MIC5013 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
July 2000
9
MIC5013
MIC5013
Micrel
Applications Information (Continued)
includes bond resistances. A Kelvin-connected ohmmeter
(using TAB and SOURCE for forcing, and SENSE and
KELVIN for sensing) is the best method of evaluating “R.”
Alternatively, “R” can be estimated for large MOSFETs
(R
DS(ON) ≤ 100mΩ) by simply halving the stated RDS(ON), or
by subtracting 20 to 50m
Ω from the stated R
DS(ON) for
smaller MOSFETs.
High-Side Driver with Current Sensing MOSFET (Figure
5). The design starts by determining the value of “S” and “R”
for the MOSFET (use the guidelines described for the low-
side version). Let V
TRIP = 100mV, and calculate RS for a
desired trip current. Next calculate R
TH and R1. The trip
point is somewhat reduced when the output is at ground as
the voltage drop across R1 is zero. No clamping is required
for inductive loads, but may be added to reduce power
dissipation in the MOSFET.
Typical Applications
Start-up into a Dead Short. If the MIC5013 attempts to turn
on a MOSFET when the load is shorted, a very high current
flows. The over-current shutdown will protect the MOSFET,
but only after a time delay of 5 to 10
µs. The MOSFET must
be capable of handling the overload; consult the device’s
SOA curve. If a short circuit causes the MOSFET to exceed
its 10
µs SOA, a small inductance in series with the source
can help limit di/dt to control the peak current during the 5
to 10
µs delay.
When testing short-circuit behavior, use a current probe
rated for both the peak current and the high di/dt.
The over-current shutdown delay varies with comparator
overdrive, owing to noise filtering in the comparator. A delay
of up to 100
µs can be observed at the threshold of shut-
down. A 20% overdrive reduces the delay to near minimum.
Incandescent Lamps. The cold filament of an incandes-
cent lamp exhibits less than one-tenth as much resistance
as when the filament is hot. The initial turn-on current of a
#6014 lamp is about 70A, tapering to 4.4A after a few
hundred milliseconds. It is unwise to set the over-current trip
point to 70A to accommodate such a load. A “resistive” short
that draws less than 70A could destroy the MOSFET by
allowing sustained, excessive dissipation. If the over-cur-
rent trip point is set to less than 70A, the MIC5013 will not
start a cold filament. The solution is to start the lamp with a
high trip point, but reduce this to a reasonable value after the
lamp is hot.
The MIC5013 over-current shutdown circuit is designed to
handle this situation by varying the trip point with time (see
Figure 5). R
TH1 functions in the conventional manner,
providing a current limit of approximately twice that required
by the lamp. R
TH2 acts to increase the current limit at turn-
on to approximately 10 times the steady-state lamp current.
The high initial trip point decays away according to a 20ms
time constant contributed by C
TH. RTH2 could be eliminated
with C
TH working against the internal 1kΩ resistor, but this
results in a very high over-current threshold. As a rule of
thumb design the over-current circuitry in the conventional
manner, then add the R
TH2/CTH network to allow for lamp
start-up. Let R
TH2 = (RTH1÷10)–1kΩ, and choose a capaci-
tor that provides the desired time constant working against
R
TH2 and the internal 1kΩ resistor.
When the MIC5013 is turned off, the threshold pin (2)
appears as an open circuit, and C
TH is discharged through
R
TH1 and RTH2. This is much slower than the turn-on time
constant, and it simulates the thermal response of the
filament. If the lamp is pulse-width modulated, the current
limit will be reduced by the residual charge left in C
TH.
Modifying Switching Times. Do not add external capaci-
tors to the gate to slow down the switching time. Add a
resistor (1k
Ω to 51kΩ) in series with the gate of the MOS-
FET to achieve this result.
Bootstrapped High-Side Driver (Figure 6). The speed of
a high-side driver can be increased to better than 10
µs by
bootstrapping the supply off of the MOSFET source. This
topology can be used where the load is pulse-width modu-
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
12V
IRCZ44
10µF
43
Ω
R1
3.9k
Ω
Figure 5. Time-Variable
Trip Threshold
Control Input
+
#6014
22k
Ω
R
TH1
C
TH
22µF
1k
Ω
R
TH2
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
IRF540
10µF
20k
Ω
Figure 6. Bootstrapped
High-Side Driver
Control Input
+
100
Ω
R
18m
Ω
LOAD
R2
100nF
1N4001 (2)
1N5817
7 to 15V
+
V
1mA
R1=
S
R
TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com