Electronic Components Datasheet Search
  English  ▼

X  

MIC5013 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5013
Description  Protected High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5013 Datasheet HTML 1Page - Micrel Semiconductor MIC5013 Datasheet HTML 2Page - Micrel Semiconductor MIC5013 Datasheet HTML 3Page - Micrel Semiconductor MIC5013 Datasheet HTML 4Page - Micrel Semiconductor MIC5013 Datasheet HTML 5Page - Micrel Semiconductor MIC5013 Datasheet HTML 6Page - Micrel Semiconductor MIC5013 Datasheet HTML 7Page - Micrel Semiconductor MIC5013 Datasheet HTML 8Page - Micrel Semiconductor MIC5013 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
July 2000
3
MIC5013
MIC5013
Micrel
Electrical Characteristics (Note 3) Test circuit. T
A = –55°C to +125°C, V
+ = 15V, all switches open, unless
otherwise specified.
Parameter
Conditions
Min
Typical
Max
Units
Supply Current, I
7
V+ = 32V
V
IN = 0V, S4 closed
0.1
10
µA
V
IN = VS = 32V
8
20
mA
Logic Input Voltage, V
IN
V+ = 4.75V
Adjust V
IN for VGATE low
2
V
Adjust V
IN for VGATE high
4.5
V
V+ =15V
Adjust V
IN for VGATE high
5.0
V
Logic Input Current, I
1
V+ = 32V
V
IN = 0V
–1
µA
V
IN = 32V
1
µA
Input Capacitance
Pin 1
5
pF
Gate Drive, V
GATE
S1, S2 closed,
V+ = 7V, I
6 = 0
13
15
V
V
S = V+, VIN = 5V
V+ = 15V, I
6 = 100 µA24
27
V
Zener Clamp,
S2 closed, V
IN = 5V
V+ = 15V, V
S = 15V
11
12.5
15
V
V
GATE – VSOURCE
V+ = 32V, V
S = 32V
11
13
16
V
Gate Turn-on Time, t
ON
V
IN switched from 0 to 5V; measure time
60
200
µs
(Note 4)
for V
GATE to reach 20V
Gate Turn-off Time, t
OFF
V
IN switched from 5 to 0V; measure time
4
10
µs
for V
GATE to reach 1V
Threshold Bias Voltage, V
2
I
2 = 200 µA
1.7
2
2.2
V
Current Sense Trip Voltage,
S2 closed, V
IN = 5V,
V+ = 7V,
S4 closed
75
105
135
mV
V
SENSE – VSOURCE
Increase I
3
I
2 = 100 µAVS = 4.9V, S4 open
70
100
130
mV
V+ = 15V
S4 closed
150
210
270
mV
I
2 = 200 µAVS = 11.8V, S4 open
140
200
260
mV
V+ = 32V
V
S = 0V, S4 open
360
520
680
mV
I
2 = 500 µAVS = 25.5V, S4 open
350
500
650
mV
Peak Current Trip Voltage,
S3, S4 closed,
1.6
2.1
V
V
SENSE – VSOURCE
V+ = 15V, V
IN = 5V
Fault Output Voltage, V
8
V
IN = 0V, I8 = –100 µA
0.4
1
V
V
IN = 5V, I8 = 100 µA, current sense tripped
14
14.6
V
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its specified Operating Ratings.
Note 2
The MIC5010 is ESD sensitive.
Note 3
Minimum and maximum Electrical Characteristics are 100% tested at T
A = 25°C and TA = 85°C, and 100% guaranteed over the entire
range. Typicals are characterized at 25
°C and represent the most likely parametric norm.
Note 4
Test conditions reflect worst case high-side driver performance. Low-side and bootstrapped topologies are significantly faster—see
Applications Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com