Electronic Components Datasheet Search
  English  ▼

X  

MIC5013 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC5013
Description  Protected High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC5013 Datasheet HTML 8Page - Micrel Semiconductor MIC5013 Datasheet HTML 9Page - Micrel Semiconductor MIC5013 Datasheet HTML 10Page - Micrel Semiconductor MIC5013 Datasheet HTML 11Page - Micrel Semiconductor MIC5013 Datasheet HTML 12Page - Micrel Semiconductor MIC5013 Datasheet HTML 13Page - Micrel Semiconductor MIC5013 Datasheet HTML 14Page - Micrel Semiconductor MIC5013 Datasheet HTML 15Page - Micrel Semiconductor MIC5013 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MIC5013
Micrel
MIC5013
12
July 2000
Applications Information (Continued)
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
IRF541
1µF
20k
Ω
Figure 11. Half-Bridge
Motor Driver
+
100
Ω
100nF
1N4001 (2)
1N5817
15V
15k
Ω
IRF541
10µF
10k
Ω
22m
Ω
CPSL-3
(Dale)
+
22m
Ω
CPSL-3
(Dale)
1nF
10k
Ω
2N3904
22k
Ω
220pF
1N4148
22k
Ω
15V
M
12V,
10A Stalled
PWM
INPUT
The top-side driver is based on the bootstrapped circuit of
Figure 6, and cannot be switched on indefinitely. The
bootstrap capacitor (1
µF) relies on being pulled to ground
by the bottom-side output to recharge. This limits the
maximum duty cycle to slightly less than 100%.
Two of these circuits can be connected together to form an
H-bridge. If the H-bridge is used for locked antiphase
control, no special considerations are necessary. In the
case of sign/magnitude control, the “sign” leg of the H-
bridge should be held low (PWM input held low) while the
other leg is driven by the magnitude signal.
If current feedback is required for torque control, it is
available in chopped form at the bottom-side driver's 22 m
Ω
current-sensing resistor.
Time-Delay Relay (Figure 12). The MIC5013 forms the
basis of a simple time-delay relay. As shown, the delay
commences when power is applied, but the 100 k
Ω/1N4148
could be independently driven from an external source such
as a switch or another high-side driver to give a delay
relative to some other event in the system.
Hysteresis has been added to guarantee clean switching at
turn-on. Note that an over-current condition latches the
relay in a safe, OFF condition. Operation is restored by
either cycling power or by momentarily shorting pin 1 to
ground.
Motor Driver with Stall Shutdown (Figure 13). Tachom-
eter feedback can be used to shut down a motor driver
circuit when a stall condition occurs. The control switch is a
3-way type; the “START” position is momentary and forces
the driver ON. When released, the switch returns to the
“RUN” position, and the tachometer’s output is used to hold
the MIC5013 input ON. If the motor slows down, the tach
output is reduced, and the MIC5013 switches OFF. Resis-
tor “R” sets the shutdown threshold. If the output current
exceeds 30A, the MIC5013 shuts down and remains in that
condition until the momentary “RESET” button is pushed.
Control is then returned to the START/RUN/STOP switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com