Electronic Components Datasheet Search
  English  ▼

X  

MIC5018 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5018
Description  IttyBitty??High-Side MOSFET Driver Preliminary Information
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5018 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC5018 Datasheet HTML 1Page - Micrel Semiconductor MIC5018 Datasheet HTML 2Page - Micrel Semiconductor MIC5018 Datasheet HTML 3Page - Micrel Semiconductor MIC5018 Datasheet HTML 4Page - Micrel Semiconductor MIC5018 Datasheet HTML 5Page - Micrel Semiconductor MIC5018 Datasheet HTML 6Page - Micrel Semiconductor MIC5018 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1997
5-161
MIC5018
Micrel
5
Split Power Supply
Refer to figure 6. The MIC5018 can be used to control a 12V
load by separating the driver supply from the load supply.
VS
CTL
G
GND
MIC5018
4.7µF
+12V
1
23
4
Logic
High
3V
approx. 0V
12V
15V
Voltages are approximate
* International Rectifier
logic-level MOSFET
IRLZ44*
+5V
To demonstrate
this circuit, try a
40
Ω, 5W or
100
Ω, 2W
load resistor.
Figure 6. 12V High-Side Switch
A logic-level MOSFET is required. The MOSFET’s maximum
current is limited slightly because the gate is not fully en-
hanced. To predict the MOSFETs performance for any pair
of supply voltages, calculate the gate-to-source voltage and
refer to the MOSFET data sheet.
V
GS = VG – (VLOAD SUPPLY – VDS)
V
G is determined from the driver supply voltage using the
“Typical Characteristics: Gate Output Voltage vs. Supply
Voltage” graph.
Low-Side Switch Configuration
The low-side configuration makes it possible to switch a
voltage much higher than the MIC5018’s maximum supply
voltage.
On
Off
VS
CTL
G
GND
MIC5018
4.7µF
IRF540*
N-channel
MOSFET
+80V
1
23
4
+2.7 to +9V
* International Rectifier
standard MOSFET
BVDSS = 100V
To demonstrate
this circuit, try
1k, 10W or
33k, 1/4W
load resistors.
Figure 7. Low-Side Switch Configuration
The maximum switched voltage is limited only by the
MOSFET’s maximum drain-to-source ratings.
A gate-to-source zener may also be required when the
maximum gate-to-source voltage could be exceeded due to
normal part-to-part variation in gate output voltage. Other
conditions can momentarily increase the gate-to-source volt-
age, such as turning on a capacitive load or shorting a load.
Inductive Loads
Inductive loads include relays, and solenoids. Long leads
may also have enough inductance to cause adverse effects
in some circuits.
On
Off
VS
CTL
G
GND
MIC5018
4.7µF
+2.7V to +9V
1
23
4
Schottky
Diode
Figure 5. Switching an Inductive Load
Switching off an inductive load in a high-side application
momentarily forces the MOSFET source negative (as the
inductor opposes changes to current). This voltage spike can
be very large and can exceed a MOSFET’s gate-to-source
and drain-to-source ratings. A Schottky diode across the
inductive load provides a discharge current path to minimize
the voltage spike. The peak current rating of the diode should
be greater than the load current.
In a low-side application, switching off an inductive load will
momentarily force the MOSFET drain higher than the supply
voltage. The same precaution applies.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com