Electronic Components Datasheet Search
  English  ▼

X  

GS3440 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS3440
Description  Automatic power-down on loss of signal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3440 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS3440 Datasheet HTML 2Page - Gennum Corporation GS3440 Datasheet HTML 3Page - Gennum Corporation GS3440 Datasheet HTML 4Page - Gennum Corporation GS3440 Datasheet HTML 5Page - Gennum Corporation GS3440 Datasheet HTML 6Page - Gennum Corporation GS3440 Datasheet HTML 7Page - Gennum Corporation GS3440 Datasheet HTML 8Page - Gennum Corporation GS3440 Datasheet HTML 9Page - Gennum Corporation GS3440 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
6 of 23
Proprietary and Confidential
15
CD
Not
Synchronous
Output
Carrier Detect Status Output.
Please refer to the output logic parameter in the DC Electrical
Characteristics table for logic level threshold and compatibility. This
pin is a 2.5V output.
Indicates presence of an input signal. When the CD pin is LOW, a
signal has been detected at the input. When this pin is HIGH, this
indicates loss of input signal.
16
VCC_A
Analog
Power
Most positive power supply connection for the input buffer, core
and control circuits.
Connect to +3.3V DC.
–
Center Pad
–Power
Internally bonded to VEE_A.
Connect to GND with at least 5 VIAs.
Table 1-1: GS3440 Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com