Electronic Components Datasheet Search
  English  ▼

X  

GS3440 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS3440
Description  Automatic power-down on loss of signal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3440 Datasheet(HTML) 1 Page - Gennum Corporation

  GS3440 Datasheet HTML 1Page - Gennum Corporation GS3440 Datasheet HTML 2Page - Gennum Corporation GS3440 Datasheet HTML 3Page - Gennum Corporation GS3440 Datasheet HTML 4Page - Gennum Corporation GS3440 Datasheet HTML 5Page - Gennum Corporation GS3440 Datasheet HTML 6Page - Gennum Corporation GS3440 Datasheet HTML 7Page - Gennum Corporation GS3440 Datasheet HTML 8Page - Gennum Corporation GS3440 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1 of 23
Proprietary and Confidential
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
Extended Reach 3G/HD/SD Adaptive Cable Equalizer
GS3440
www.semtech.com
Key Features
• SMPTE ST 424, SMPTE ST 292 and SMPTE ST 259
compliant
• Automatic cable equalization
• Multi-standard operation from 125Mb/s to 2.97Gb/s
• Performance optimized for 270Mb/s, 1.485Gb/s and
2.97Gb/s. Typical equalized length of Belden 1694A
cable up to:
210m at 2.97Gb/s
300m at 1.485Gb/s
550m at 270Mb/s
• Supports DVB-ASI at 270Mb/s
• Supports MADI at 125Mb/s
• Manual bypass (useful for low data rates with slow
rise/fall times)
• Programmable carrier detect with squelch threshold
adjustment
• Automatic power-down on loss of signal
Standby power <35mW (typical)
• Differential output supports DC-coupling from 1.2V to
3.3V CML logic
• Option to compensate for 6dB flat attenuation prior to
input of device
• Selectable output de-emphasis: 2dB, 4dB and 6dB
• Standard EIA/JEDEC logic control and status signal
levels
• Single 3.3V power supply operation
• 180mW power consumption (typical)
• Wide operating temperature range of -40ºC to +85ºC
• Small footprint QFN package (4mm x 4mm)
Footprint compatible with the GS2974A, GS2974B,
GS2984 and GS2994
• Pb-free and RoHS compliant
Applications
• SMPTE ST 424, SMPTE ST 292 and SMPTE ST 259
coaxial cable serial digital interfaces
Description
The GS3440 is a high-speed BiCMOS device designed to
equalize and restore signals received over 75
Ω coaxial
cable.
The device is designed to support SMPTE ST 424,
SMPTE ST 292 and SMPTE ST 259, and is optimized for
performance at 270Mb/s, 1.485Gb/s and 2.97Gb/s.
The GS3440 features DC restoration to compensate for the
DC content of SMPTE pathological signals.
The Carrier Detect output pin (CD) indicates whether an
input signal has been detected. It can be connected directly
to the SLEEP pin to enable automatic sleep on loss of carrier.
A voltage programmable threshold, set via the SQ_ADJ pin,
forces CD high when the input signal amplitude falls below
the threshold. This allows the GS3440 to distinguish
between low-amplitude SDI signals and noise at the input
of the device.
The equalizing and DC restore stages are disengaged and
no equalization occurs when the BYPASS pin is HIGH.
Setting the BYPASS pin HIGH is useful for signals launched
at the signal source with low data rates and/or slow rise/fall
times.
The GS3440 features a gain selection pin (GAIN_SEL) which
can be used to compensate for 6dB flat attenuation prior to
the input of the device.
The differential output can be DC-coupled to Semtech’s
reclockers and cable drivers, as well as industry-standard
1.2V, 1.8V, 2.5V and 3.3V CML logic by changing the voltage
applied to the VCC_O pin. In general, DC-coupling to any
termination voltage between 1.2V and 3.3V is supported.
The GS3440 also features programmable output
de-emphasis with three, user-selectable operating levels to
support long PCB traces at the output of the device.


Similar Part No. - GS3440

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer
More results

Similar Description - GS3440

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
logo
Hittite Microwave Corpo...
HMC914LP4E HITTITE-HMC914LP4E Datasheet
744Kb / 12P
12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
logo
Power Integrations, Inc...
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
Zero1 Loss Automatic X Capacitor Discharge IC
logo
Linear Technology
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
Pushbutton On/Off Controller with Automatic Turn-On
logo
Gennum Corporation
GS2993 GENNUM-GS2993 Datasheet
1Mb / 23P
Automatic power-down on loss of signal
GS2994 GENNUM-GS2994 Datasheet
1Mb / 20P
Automatic power-down on loss of signal
GS3441 GENNUM-GS3441 Datasheet
1Mb / 25P
Automatic power-down on loss of signal
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
Pushbutton On/Off Controller with Automatic Turn-On
logo
Analog Devices
HMC914LP4E AD-HMC914LP4E Datasheet
708Kb / 12P
12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
v03.1012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com