Electronic Components Datasheet Search
  English  ▼

X  

GS3440 Datasheet(PDF) 18 Page - Gennum Corporation

Part # GS3440
Description  Automatic power-down on loss of signal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3440 Datasheet(HTML) 18 Page - Gennum Corporation

Back Button GS3440 Datasheet HTML 14Page - Gennum Corporation GS3440 Datasheet HTML 15Page - Gennum Corporation GS3440 Datasheet HTML 16Page - Gennum Corporation GS3440 Datasheet HTML 17Page - Gennum Corporation GS3440 Datasheet HTML 18Page - Gennum Corporation GS3440 Datasheet HTML 19Page - Gennum Corporation GS3440 Datasheet HTML 20Page - Gennum Corporation GS3440 Datasheet HTML 21Page - Gennum Corporation GS3440 Datasheet HTML 22Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
18 of 23
Proprietary and Confidential
5.3 Typical Application Circuit
Figure 5-1: GS3440 Typical Application Circuit Recommended for Extend Cable
Reach Applications
Figure 5-2: GS3440 Alternate Application Circuit Recommended for Drop in
Replacement Applications
1
4
5
6
2
3
8
7
12
11
14
15
9
10
75
Ω
1µF
1µF
GS3440
37.4
Ω
75
Ω
4.7µF
4.7nH*
OP_CTL
DDO
DDO
SQ_ADJ
BYPASS
SDI
SDI
4.7µF
470nF
CD
SLEEP
AGC
AGC
GAIN_SEL
4.7nH
SDI
*Value dependent on layout
10nF
13
16
10nF
VCC_A
VCC_O
75
Ω
6.2nH
7
10
1µF
470nF
4
14
12
1
13
16
8
2
3
9
11
15
6
5
37.4
Ω
1µF
10nF
VCC_A
4.7µF
75
Ω
VCC_O
4.7µF
GS3440
OP_CTL
DDO
DDO
SQ_ADJ
BYPASS
SDI
SDI
CD
SLEEP
AGC
AGC
GAIN_SEL
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com