Electronic Components Datasheet Search
  English  ▼

X  

MIC5231 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5231
Description  Micropower 關Cap LDO Regulator Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5231 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5231 Datasheet HTML 1Page - Micrel Semiconductor MIC5231 Datasheet HTML 2Page - Micrel Semiconductor MIC5231 Datasheet HTML 3Page - Micrel Semiconductor MIC5231 Datasheet HTML 4Page - Micrel Semiconductor MIC5231 Datasheet HTML 5Page - Micrel Semiconductor MIC5231 Datasheet HTML 6Page - Micrel Semiconductor MIC5231 Datasheet HTML 7Page - Micrel Semiconductor MIC5231 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC5231
6
June 2000
MIC5231
Micrel
dissipation allowed can easily be determined.
P
D(max) = (125°C – 85°C)/235°C/W
P
D(max) = 170mW
Therefore, the device can only dissipate 170mW maximum.
If the MIC5231 is powered off of a 12V source and the output
voltage is 3.3V, the maximum output current can be calcu-
lated.
P
D = (Vin - Vout)·Iout
170mW = (12V - 3.3V)·Iout
Iout = 170mW/8.7V
Iout = 19.5mA
Therefore, the device can source almost 20mA at an ambient
of 85
°C before the die temperature exceeds 125°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com