Electronic Components Datasheet Search
  English  ▼

X  

MIC5231 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5231
Description  Micropower 關Cap LDO Regulator Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5231 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5231 Datasheet HTML 1Page - Micrel Semiconductor MIC5231 Datasheet HTML 2Page - Micrel Semiconductor MIC5231 Datasheet HTML 3Page - Micrel Semiconductor MIC5231 Datasheet HTML 4Page - Micrel Semiconductor MIC5231 Datasheet HTML 5Page - Micrel Semiconductor MIC5231 Datasheet HTML 6Page - Micrel Semiconductor MIC5231 Datasheet HTML 7Page - Micrel Semiconductor MIC5231 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
June 2000
3
MIC5231
MIC5231
Micrel
Electrical Characteristics
V
IN = VOUT + 1V; IL = 100µA; CL = 0.47µF; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Output Voltage Accuracy
variation from nominal V
OUT
–2+2
%
–3
+3
%
∆V
OUT/∆T
Output Voltage
Note 5
250
ppm/
°C
Temperature Coefficient
∆V
OUT/VOUT
Line Regulation
V
IN = 6V to 12V
0.2
0.25
%
∆V
OUT/VOUT
Load Regulation
I
L = 10µA to 10mA, Note 6
0.2
1
%
V
DO
Dropout Voltage, Note 7
I
L = 1mA
15
mV
I
L = 10mA
150
300
mV
I
Q
Ground Pin Current
V
IN = 6V, IL = 10mA
0.65
3
µA
V
IN = 12V, IL = 10mA
1.1
4
µA
PSRR
Ripple Rejection
f = 100Hz, I
L = 100µA50
dB
Enable Input
V
ENL
Enable Input Voltage
V
EN = logic low (regulator off)
0.4
0.18
V
V
EN = logic high ((regulator on)
1.4
V
I
ENL
Enable Input Current
V
ENL ≤ 0.18V (regulator off)
1
nA
I
ENH
Enable Input Current
V
ENH ≥ 1.4V (regulator on)
1
nA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4:
The maximum allowable power dissipation at any T
A (ambient temperature) is PD(max) = (TJ(max) – TA) ÷ θJA. The θJC of the MIC5231 is
130
°C/W. Mounted to a standard PC board, the θ
JA is approximately 235°C/W.
Note 5:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 6:
Regulation is measured at constant junction temperature using low duty cycle pulse testing.
Note 7:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 3.5V, dropout voltage is the input-to-output differential with the minimum input voltage 3.5V. Minimum input
operating voltage is 3.5V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com