Electronic Components Datasheet Search
  English  ▼

X  

LMP7716 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7716
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7716 Datasheet(HTML) 5 Page - Texas Instruments

  LMP7716 Datasheet HTML 1Page - Texas Instruments LMP7716 Datasheet HTML 2Page - Texas Instruments LMP7716 Datasheet HTML 3Page - Texas Instruments LMP7716 Datasheet HTML 4Page - Texas Instruments LMP7716 Datasheet HTML 5Page - Texas Instruments LMP7716 Datasheet HTML 6Page - Texas Instruments LMP7716 Datasheet HTML 7Page - Texas Instruments LMP7716 Datasheet HTML 8Page - Texas Instruments LMP7716 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
+IN B
OUT B
OUT A
-IN A
+IN A
V
-
1
2
3
4
-IN B
V
+
5
6
7
8
+
+ -
OUTPUT
V
-
+IN
V
+
-IN
+
-
1
2
3
4
5
LMP7715, LMP7716, LMP7716Q
www.ti.com
SNOSAV0E – MARCH 2006 – REVISED MARCH 2013
5V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOUT
32
70
RL = 2 kΩ to V
+/2
77
Output Voltage Swing
High
22
60
RL = 10 kΩ to V
+/2
66
mV from
either rail
RL = 2 kΩ to V
+/2
42
70
(LMP7715)
73
Output Voltage Swing
RL = 2 kΩ to V
+/2
45
75
Low
(LMP7716/LMP7716Q)
78
20
60
RL = 10 kΩ to V
+/2
62
IOUT
Sourcing to V−
46
66
VIN = 200 mV
(6)
38
Output Current
mA
Sinking to V+
10.5
23
VIN = −200 mV
(6)
6.5
IS
1.15
1.40
LMP7715
1.75
Supply Current
mA
1.30
1.70
LMP7716/LMP7716Q (per channel)
2.05
SR
AV = +1, Rising (10% to 90%)
6.0
9.5
Slew Rate
V/
μs
AV = +1, Falling (90% to 10%)
7.5
11.5
GBW
Gain Bandwidth
17
MHz
en
f = 400 Hz
7.0
Input Referred Voltage Noise Density
nV/
√Hz
f = 1 kHz
5.8
in
Input Referred Current Noise Density
f = 1 kHz
0.01
pA/
√Hz
THD+N
f = 1 kHz, AV = 1, RL = 100 kΩ
0.001
VO = 4 VPP
Total Harmonic Distortion + Noise
%
f = 1 kHz, AV = 1, RL = 600Ω
0.004
VO = 4 VPP
(6)
The short circuit test is a momentary open loop test.
Connection Diagram
5-Pin SOT-23
8-Pin VSSOP
Figure 3. Top View
Figure 4. Top View
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP7715 LMP7716 LMP7716Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com