Electronic Components Datasheet Search
  English  ▼

X  

LMP7716 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7716
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7716 Datasheet(HTML) 1 Page - Texas Instruments

  LMP7716 Datasheet HTML 1Page - Texas Instruments LMP7716 Datasheet HTML 2Page - Texas Instruments LMP7716 Datasheet HTML 3Page - Texas Instruments LMP7716 Datasheet HTML 4Page - Texas Instruments LMP7716 Datasheet HTML 5Page - Texas Instruments LMP7716 Datasheet HTML 6Page - Texas Instruments LMP7716 Datasheet HTML 7Page - Texas Instruments LMP7716 Datasheet HTML 8Page - Texas Instruments LMP7716 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LMP7715, LMP7716, LMP7716Q
www.ti.com
SNOSAV0E – MARCH 2006 – REVISED MARCH 2013
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
Check for Samples: LMP7715, LMP7716, LMP7716Q
1
FEATURES
DESCRIPTION
The LMP7715/LMP7716/LMP7716Q are single and
23
•
Unless Otherwise Noted,
dual low noise, low offset, CMOS input, rail-to-rail
Typical Values at VS = 5V.
output precision amplifiers with high gain bandwidth
–
Input Offset Voltage ±150
μV (Max)
products. The LMP7715/LMP7716/LMP7716Q are
–
Input Bias Current 100 fA
part of the LMP™ precision amplifier family and are
ideal for a variety of instrumentation applications.
–
Input Voltage Noise 5.8 nV/
√Hz
Utilizing
a
CMOS
input
stage,
the
–
Gain Bandwidth Product 17 MHz
LMP7715/LMP7716/LMP7716Q achieve an input bias
–
Supply Current (LMP7715) 1.15 mA
current of 100 fA, an input referred voltage noise of
–
Supply Current (LMP7716/LMP7716Q) 1.30
5.8 nV/
√Hz, and an input offset voltage of less than
mA
±150
μV.
These
features
make
the
LMP7715/LMP7716/LMP7716Q superior choices for
–
Supply Voltage Range 1.8V to 5.5V
precision applications.
–
THD+N @ f = 1 kHz 0.001%
Consuming only 1.15 mA of supply current, the
–
Operating Temperature Range
−40°C to
LMP7715 offers a high gain bandwidth product of 17
125°C
MHz, enabling accurate amplification at high closed
–
Rail-to-rail Output Swing
loop gains.
–
Space Saving SOT-23 Package (LMP7715)
The LMP7715/LMP7716/LMP7716Q have a supply
–
8-Pin VSSOP Package
voltage range of 1.8V to 5.5V, which makes these
(LMP7716/LMP7716Q)
ideal choices for portable low power applications with
–
LMP7716Q is AEC-Q100 Grade 1 Qualified
low supply voltage requirements.
and is Manufactured on an Automotive
The LMP7715/LMP7716/LMP7716Q are built with
Grade Flow
TI’s
advanced
VIP50
process
technology.
The
LMP7715 is offered in a 5-pin SOT-23 package and
APPLICATIONS
the LMP7716/LMP7716Q is offered in an 8-pin
VSSOP.
•
Active Filters and Buffers
The
LMP7716Q
incorporates
enhanced
•
Sensor Interface Applications
manufacturing
and
support
processes
for
the
•
Transimpedance Amplifiers
automotive
market,
including
defect
detection
•
Automotive
methodologies. Reliability qualification is compliant
with
the
requirements
and
temperature
grades
defined in the AEC-Q100 standard.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP7716

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7716 NSC-LMP7716 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7716MM NSC-LMP7716MM Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7716MMX NSC-LMP7716MMX Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results

Similar Description - LMP7716

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
SM73304 TI1-SM73304 Datasheet
1Mb / 22P
Dual and Single Precision, 17 MHz, Low Noise, CMOS Input Amplifiers with Enable
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
SM73307 TI-SM73307_15 Datasheet
961Kb / 25P
Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com