Electronic Components Datasheet Search
  English  ▼

X  

LMP7716 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7716
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7716 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP7716 Datasheet HTML 10Page - Texas Instruments LMP7716 Datasheet HTML 11Page - Texas Instruments LMP7716 Datasheet HTML 12Page - Texas Instruments LMP7716 Datasheet HTML 13Page - Texas Instruments LMP7716 Datasheet HTML 14Page - Texas Instruments LMP7716 Datasheet HTML 15Page - Texas Instruments LMP7716 Datasheet HTML 16Page - Texas Instruments LMP7716 Datasheet HTML 17Page - Texas Instruments LMP7716 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
LMP7715, LMP7716, LMP7716Q
SNOSAV0E – MARCH 2006 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
LMP7715/LMP7716/LMP7716Q
The LMP7715/LMP7716/LMP7716Q are single and dual, low noise, low offset, rail-to-rail output precision
amplifiers with a wide gain bandwidth product of 17 MHz and low supply current. The wide bandwidth makes the
LMP7715/LMP7716/LMP7716Q ideal choices for wide-band amplification in portable applications.
The LMP7715/LMP7716/LMP7716Q are superior for sensor applications. The very low input referred voltage
noise of only 5.8 nV/
√Hz at 1 kHz and very low input referred current noise of only 10 fA/√Hz mean more signal
fidelity and higher signal-to-noise ratio.
The LMP7715/LMP7716/LMP7716Q have a supply voltage range of 1.8V to 5.5V over a wide temperature range
of 0°C to 125°C. This is optimal for low voltage commercial applications. For applications where the ambient
temperature might be less than 0°C, the LMP7715/LMP7716/LMP7716Q are fully operational at supply voltages
of 2.0V to 5.5V over the temperature range of
−40°C to 125°C.
The outputs of the LMP7715/LMP7716/LMP7716Q swing within 25 mV of either rail providing maximum dynamic
range
in
applications
requiring
low
supply
voltage.
The
input
common
mode
range
of
the
LMP7715/LMP7716/LMP7716Q extends to 300 mV below ground. This feature enables users to utilize this
device in single supply applications.
The use of a very innovative feedback topology has enhanced the current drive capability of the
LMP7715/LMP7716/LMP7716Q, resulting in sourcing currents of as much as 47 mA with a supply voltage of only
1.8V.
The LMP7715 is offered in the space saving SOT-23 package and the LMP7716/LMP7716Q is offered in an 8-
pin VSSOP. These small packages are ideal solutions for applications requiring minimum PC board footprint.
CAPACITIVE LOAD
The unity gain follower is the most sensitive configuration to capacitive loading. The combination of a capacitive
load placed directly on the output of an amplifier along with the output impedance of the amplifier creates a
phase lag which in turn reduces the phase margin of the amplifier. If phase margin is significantly reduced, the
response will be either underdamped or the amplifier will oscillate.
The LMP7715/LMP7716/LMP7716Q can directly drive capacitive loads of up to 120 pF without oscillating. To
drive heavier capacitive loads, an isolation resistor, RISO as shown in Figure 49, should be used. This resistor
and CL form a pole and hence delay the phase lag or increase the phase margin of the overall system. The
larger the value of RISO, the more stable the output voltage will be. However, larger values of RISO result in
reduced output swing and reduced output current drive.
Figure 49. Isolating Capacitive Load
INPUT CAPACITANCE
CMOS input stages inherently have low input bias current and higher input referred voltage noise. The
LMP7715/LMP7716/LMP7716Q enhance this performance by having the low input bias current of only 50 fA, as
well as, a very low input referred voltage noise of 5.8 nV/
√Hz. In order to achieve this a larger input stage has
been used. This larger input stage increases the input capacitance of the LMP7715/LMP7716/LMP7716Q.
Figure 50 shows typical input common mode capacitance of the LMP7715/LMP7716/LMP7716Q.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMP7715 LMP7716 LMP7716Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com