Electronic Components Datasheet Search
  English  ▼

X  

LPV531 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV531 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LPV531 Datasheet HTML 2Page - Texas Instruments LPV531 Datasheet HTML 3Page - Texas Instruments LPV531 Datasheet HTML 4Page - Texas Instruments LPV531 Datasheet HTML 5Page - Texas Instruments LPV531 Datasheet HTML 6Page - Texas Instruments LPV531 Datasheet HTML 7Page - Texas Instruments LPV531 Datasheet HTML 8Page - Texas Instruments LPV531 Datasheet HTML 9Page - Texas Instruments LPV531 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
1
2
3
OUT
V
-
IN+
6
5
4
V
+
IN-
ISEL
+
-
LPV531
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
www.ti.com
Power Select Electrical Characteristics
Unless otherwise specified, all limits are ensured for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2, R
L = 100 kΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
tLF
Time from Low Power Mode to
210
ns
Full Power Mode
tFL
Time from Full Power Mode to
500
ns
Low Power Mode
VREXT
Voltage @ ISEL Pin
ISEL Pin Left Open
100
110
125
mV
RINT
9
11
14.5
k
Ω
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
Connection Diagram
Figure 2. 6-Pin SOT – Top View
See Package Number DDC
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com