Electronic Components Datasheet Search
  English  ▼

X  

LPV531 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV531 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LPV531 Datasheet HTML 11Page - Texas Instruments LPV531 Datasheet HTML 12Page - Texas Instruments LPV531 Datasheet HTML 13Page - Texas Instruments LPV531 Datasheet HTML 14Page - Texas Instruments LPV531 Datasheet HTML 15Page - Texas Instruments LPV531 Datasheet HTML 16Page - Texas Instruments LPV531 Datasheet HTML 17Page - Texas Instruments LPV531 Datasheet HTML 18Page - Texas Instruments LPV531 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
or
REXT =
-11 k:
35V
ISC
ISC =
35V
REXT + 11 k:
or
REXT =
-11 k:
50[GHz · :]
GBW - 11 kHz
GBW = 11 kHz +
50[GHz · :]
REXT + 11 k:
REXT = 40 x
110 mV
PSI ± 1 PA
-11 k:
PSI = 1 PA + 40 x
+
REXT
11k
110 mV
ISEL
+
-
-
+
VOUT
LPV531
VCONTROL
REXT2
REXT1
DAC
IN
LPV531
www.ti.com
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
Figure 38. DAC Controlled Power Mode Configurations
The output of the resistive voltage divider should have an impedance that is small compared to the value of RINT
to allow a linear control of the power level. Therefore, REXT2 needs to have a value in the order of RINT/10 and
REXT1 = 125 mV * REXT2 /VCONTROL,MAX. For 1 µA power mode operation, these resistor values will divide the
maximum voltage of VCONTROL to 125 mV.
DETERMINING THE REXT VALUES AND ISEL LEVELS
To determine the value of REXT that is needed for a certain supply current or bandwidth, the following equations
can be used:
(1)
or
(2)
(3)
For the power modes characterized in this datasheet, these formulas lead to the values in Table 1. These values
deviate slightly from the typical values presented in the Electrical Characteristics tables. The values in Table 1
are calculated using approximated linear equations while the values in the Electrical Characteristics tables are
the result of characterization measurement procedures.
Table 1. Values for Characterized Power Modes
REXT
ISEL
Supply Current
Gain Bandwidth Product
1
Ω
9 µA
400 µA
4.6 MHz
100 k
Ω
0.9 µA
40 µA
460 kHz
1 M
Ω
99 nA
5.3 µA
60 kHz
To calculate the REXT which will allow the LPV531 to deliver a minimum output current at all times and over all
temperatures, use the following equations:
(4)
If the output has to be kept at V+/2 for a known load resistance, the required REXT can be calculated with the
following equations:
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com