Electronic Components Datasheet Search
  English  ▼

X  

LPV531 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV531 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LPV531 Datasheet HTML 6Page - Texas Instruments LPV531 Datasheet HTML 7Page - Texas Instruments LPV531 Datasheet HTML 8Page - Texas Instruments LPV531 Datasheet HTML 9Page - Texas Instruments LPV531 Datasheet HTML 10Page - Texas Instruments LPV531 Datasheet HTML 11Page - Texas Instruments LPV531 Datasheet HTML 12Page - Texas Instruments LPV531 Datasheet HTML 13Page - Texas Instruments LPV531 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TIME (10 Ps/DIV)
TIME (100 Ps/DIV)
TIME (100 Ps/DIV)
TIME (10 Ps/DIV)
TIME (10 Ps/DIV)
TIME (10 Ps/DIV)
LPV531
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, V
+ = 5V, T
J = 25°C. For Full Power Mode the ISEL pin is connected to V
−; for Mid-Power Mode the
ISEL pin is connected to V
− through a 100 kΩ resistor; for Low Power Mode the I
SEL pin is connected to V
− through a 1 MΩ
resistor.
Large Signal Non-Inverting Response
Large Signal Non-Inverting Response
(Full Power Mode)
(Mid Power Mode)
Figure 21.
Figure 22.
Large Signal Non-Inverting Response
Small Signal Inverting Pulse Response
(Low Power Mode)
(Full Power Mode)
Figure 23.
Figure 24.
Small Signal Inverting Pulse Response
Small Signal Inverting Pulse Response
(Mid Power Mode)
(Low Power Mode)
Figure 25.
Figure 26.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com