Electronic Components Datasheet Search
  English  ▼

X  

MIC79050 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger Preliminary Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79050 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC79050 Datasheet HTML 5Page - Micrel Semiconductor MIC79050 Datasheet HTML 6Page - Micrel Semiconductor MIC79050 Datasheet HTML 7Page - Micrel Semiconductor MIC79050 Datasheet HTML 8Page - Micrel Semiconductor MIC79050 Datasheet HTML 9Page - Micrel Semiconductor MIC79050 Datasheet HTML 10Page - Micrel Semiconductor MIC79050 Datasheet HTML 11Page - Micrel Semiconductor MIC79050 Datasheet HTML 12Page - Micrel Semiconductor MIC79050 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
June 2000
9
MIC79050
MIC79050
Micrel
Applications Information
Simple Lithium-Ion Battery Charger.
Figure 1A shows a simple, complete lithium-ion battery
charger. The charging circuit comprises of a cheap wall
adapter, with a load-line characteristic. This characteristic is
always present with cheap adapters due to the internal
impedance of the transformer windings. The load-line of the
unregulated output should be < 4.4V to 4.6V at somewhere
between 0.5C to 1C of the battery under charge. This 4.4 to
4.6V value is an approximate number based on the head-
room needed above 4.2V for the MIC79050 to operate
correctly e.g. For a 500mAhr battery, the output of the semi-
regulated supply should be between 225mA to 500mA ( 0.5C
to 1C ). If it is below 225mA no damage will occur but the
battery will take longer to charge. Figure 1B shows a typical
wall adapter characteristic with an output current of 350mA at
4.5V. This natural impedance of the wall adapter will limit the
max current into the battery, so no external circuitry is needed
to accomplish this.
If extra impedance is needed to achieve the desired loadline,
extra resistance can easily be added in series with the
MIC79050 IN pin.
LM4041
CIM3-1.2
IN
BAT
FB
GND
EN
MIC79050-4.2BM
VREF = 1.225V
Impedence
AC Load-line Wall Adapter
10k
4.7
µF
1k
End of Charge
R2
R1
MIC6270
VV
R1
R2
EOC
REF
=+


1
VS
Figure 1A. Load-Line Charger With End-Of-Charge Termination Circuit.
0
2
4
6
8
0
0.2
0.4
0.6
0.8
SOURCE CURRENT (A)
Load-Line Source
Characteristics
Figure 1B. Load-Line Characteristics
of AC Wall Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com