Electronic Components Datasheet Search
  English  ▼

X  

MIC79050 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger Preliminary Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79050 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC79050 Datasheet HTML 1Page - Micrel Semiconductor MIC79050 Datasheet HTML 2Page - Micrel Semiconductor MIC79050 Datasheet HTML 3Page - Micrel Semiconductor MIC79050 Datasheet HTML 4Page - Micrel Semiconductor MIC79050 Datasheet HTML 5Page - Micrel Semiconductor MIC79050 Datasheet HTML 6Page - Micrel Semiconductor MIC79050 Datasheet HTML 7Page - Micrel Semiconductor MIC79050 Datasheet HTML 8Page - Micrel Semiconductor MIC79050 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
June 2000
5
MIC79050
MIC79050
Micrel
Typical Characteristics
0
100
200
300
400
0
100
200
300
400
500
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
0
100
200
300
400
500
600
-40
0
40
80
120
TEMPERATURE (C)
Dropout Voltage
vs. Temperature
0
1
2
3
4
5
02468
10 12 14 16
INPUT VOLTAGE (V)
Dropout Characteristics
50mA, 150mA
5mA
0
1
2
3
4
5
0246
INPUT VOLTAGE (V)
Dropout Characteristics
250mA
500mA
0
2
4
6
8
10
12
0
100
200
300
400
500
OUTPUT CURRENT (mA)
Output Current
vs. Ground
0
0.5
1
1.5
0
4
8
12
16
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
50mA
5mA
0
5
10
15
20
25
01
23
45
6
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
500mA
250mA
125mA
0
50
100
150
-40
0
40
80
120
TEMPERATURE (C)
Ground Current
vs. Temperature
3.0
3.2
3.4
3.6
3.8
4.0
-40
0
40
80
120
TEMPERATURE (C)
Ground Current
vs. Temperature
11.0
11.5
12.0
12.5
13.0
13.5
-40
0
40
80
120
TEMPERATURE (C)
Ground Current
vs. Temperature
4.190
4.195
4.200
4.205
4.210
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (C)
Battery Voltage
vs. Temperature
0
100
200
300
400
500
600
700
800
-40
0
40
80
120
TEMPERATURE (C)
Short Circuit Current
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com