Electronic Components Datasheet Search
  English  ▼

X  

MIC79050 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger Preliminary Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79050 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC79050 Datasheet HTML 10Page - Micrel Semiconductor MIC79050 Datasheet HTML 11Page - Micrel Semiconductor MIC79050 Datasheet HTML 12Page - Micrel Semiconductor MIC79050 Datasheet HTML 13Page - Micrel Semiconductor MIC79050 Datasheet HTML 14Page - Micrel Semiconductor MIC79050 Datasheet HTML 15Page - Micrel Semiconductor MIC79050 Datasheet HTML 16Page - Micrel Semiconductor MIC79050 Datasheet HTML 17Page - Micrel Semiconductor MIC79050 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MIC79050
Micrel
MIC79050
14
June 2000
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
85
°C
50
°C 25°C
T
J
= 125
°C
Figure 10. Copper Area vs. Power-SOP
Power Dissipation (T
A)
Power MSOP-8 Thermal Characteristics
The power-MSO-8 package follows the same idea as the
power-SO-8 package, using four ground leads with the die
attach paddle to create a single-piece electrical and thermal
conductor, reducing thermal resistance and increasing power
dissipation capability.
The same method of determining the heat sink area used for
the power-SOP-8 can be applied directly to the power-
MSOP-8. The same two curves showing power dissipation
versus copper area are reproduced for the power-MSOP-8
and they can be applied identically.
Quick Method
Determine the power dissipation requirements for the design
along with the maximum ambient temperature at which the
device will be operated. Refer to Figure 12, which shows safe
operating curves for 3 different ambient temperatures, +25
°C,
+50
°C and +85°C. From these curves, the minimum amount
of copper can be determined by knowing the maximum power
dissipation required. If the maximum ambient temperature is
+25
°C and the power dissipation is 1W, the curve in Figure
12v shows that the required area of copper is 500mm2,when
using the power MSOP-8
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
Figure 11. Copper Area vs. Power-MSOP
Power Dissipation (
∆T
JA)
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
85
°C
50
°C 25°C
T
J
= 125
°C
Figure 12. Copper Area vs. Power-MSOP
Power Dissipation (T
A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com