Electronic Components Datasheet Search
  English  ▼

X  

TLE2301INE Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301INE
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301INE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLE2301INE Datasheet HTML 3Page - Texas Instruments TLE2301INE Datasheet HTML 4Page - Texas Instruments TLE2301INE Datasheet HTML 5Page - Texas Instruments TLE2301INE Datasheet HTML 6Page - Texas Instruments TLE2301INE Datasheet HTML 7Page - Texas Instruments TLE2301INE Datasheet HTML 8Page - Texas Instruments TLE2301INE Datasheet HTML 9Page - Texas Instruments TLE2301INE Datasheet HTML 10Page - Texas Instruments TLE2301INE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VCC± = ±5 V, CC = 15 pF, TA = 25°C
(unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain (see Figure 1)
VO = ± 1.5 V,
CL = 100 pF
RL = 20 Ω,
9
12
V/
µs
t
Settling time (see Figure 1)
RL = 20 Ω,
CL = 100 pF,
07
µs
ts
Settling time (see Figure 1)
L
,
L
,
3-V step to 30 mV (1%)
0.7
µs
Vn
Equivalent input noise voltage (see Figure 2)
RS = 50 Ω,
f = 1 kHz
44
nV/
√Hz
THD
Total harmonic distortion
VO = 1 Vrms,
RL = 20 Ω,
f = 50 kHz,
CL = 100 pF
0.04%
B1
Unity-gain bandwidth (see Figure 3)
RL = 20 Ω,
CL = 100 pF
8
MHz
φm
Phase margin at unity gain (see Figure 3)
RL = 20 Ω,
CL = 100 pF
30
°
operating characteristics at specified free-air temperature, VCC± = ±15 V, CC = 15 pF, TA = 25°C
(unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain (see Figure 1)
VO = ± 10 V,
CL = 100 pF
RL = 20 Ω,
9
14
V/
µs
t
Settling time (see Figure 1)
RL = 20 Ω,
CL = 100 pF,
18
µs
ts
Settling time (see Figure 1)
L
,
L
,
20-V step to 200 mV (1%)
1.8
µs
Vn
Equivalent input noise voltage (see Figure 2)
RS = 50 Ω,
f = 1 kHz
44
nV/
√Hz
THD
Total harmonic distortion
VO = 2 Vrms,
RL = 20 Ω,
f = 50 kHz,
CL = 100 pF
0.08%
B1
Unity-gain bandwidth (see Figure 3)
RL = 20 Ω,
CL = 100 pF
8
MHz
φm
Phase margin at unity gain (see Figure 3)
RL = 20 Ω,
CL = 100 pF
35
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com